Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 266Page - Renesas Technology Corp SH7108 Datasheet HTML 267Page - Renesas Technology Corp SH7108 Datasheet HTML 268Page - Renesas Technology Corp SH7108 Datasheet HTML 269Page - Renesas Technology Corp SH7108 Datasheet HTML 270Page - Renesas Technology Corp SH7108 Datasheet HTML 271Page - Renesas Technology Corp SH7108 Datasheet HTML 272Page - Renesas Technology Corp SH7108 Datasheet HTML 273Page - Renesas Technology Corp SH7108 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 236 of 522
REJ09B0069-0100
(1) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Normal Mode
Figure 8.84 shows an explanatory diagram of the case where an error occurs in normal mode and
operation is restarted in normal mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(normal)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC*A
TIOC*B
Port output
PEn
PEn
n=0 to 15
Hi-Z
Hi-Z
Figure 8.84 Error Occurrence in Normal Mode, Recovery in Normal Mode
1.
After a reset, MTU output is low and ports are in the high-impedance state.
2.
After a reset, the TMDR setting is for normal mode.
3.
For channels 3 and 4, enable output with TOER before initializing the pins with TIOR.
4.
Initialize the pins with TIOR. (The example shows initial high output, with low output on
compare-match occurrence.)
5.
Set MTU output with the PFC.
6.
The count operation is started by TSTR.
7.
Output goes low on compare-match occurrence.
8.
An error occurs.
9.
Set port output with the PFC and output the inverse of the active level.
10. The count operation is stopped by TSTR.
11. Not necessary when restarting in normal mode.
12. Initialize the pins with TIOR.
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com