Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 265Page - Renesas Technology Corp SH7108 Datasheet HTML 266Page - Renesas Technology Corp SH7108 Datasheet HTML 267Page - Renesas Technology Corp SH7108 Datasheet HTML 268Page - Renesas Technology Corp SH7108 Datasheet HTML 269Page - Renesas Technology Corp SH7108 Datasheet HTML 270Page - Renesas Technology Corp SH7108 Datasheet HTML 271Page - Renesas Technology Corp SH7108 Datasheet HTML 272Page - Renesas Technology Corp SH7108 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 235 of 522
REJ09B0069-0100
8.8.4
Overview of Initialization Procedures and Mode Transitions in Case of Error
during Operation, etc.
• When making a transition to a mode (Normal, PWM1, PWM2, PCM) in which the pin output
level is selected by the timer I/O control register (TIOR) setting, initialize the pins by means of
a TIOR setting.
• In PWM mode 1, since a waveform is not output to the TIOC*B (TIOC *D) pin, setting TIOR
will not initialize the pins. If initialization is required, carry it out in normal mode, then switch
to PWM mode 1.
• In PWM mode 2, since a waveform is not output to the cycle register pin, setting TIOR will
not initialize the pins. If initialization is required, carry it out in normal mode, then switch to
PWM mode 2.
• In normal mode or PWM mode 2, if TGRC and TGRD operate as buffer registers, setting
TIOR will not initialize the buffer register pins. If initialization is required, clear buffer mode,
carry out initialization, and then set buffer mode again.
• In PWM mode 1, if either TGRC or TGRD operates as a buffer register, setting TIOR will not
initialize the TGRC pin. To initialize the TGRC pin, clear buffer mode, carry out initialization,
then set buffer mode again.
• When making a transition to a mode (CPWM, RPWM) in which the pin output level is
selected by the timer output control register (TOCR) setting, switch to normal mode and
perform initialization with TIOR, then restore TIOR to its initial value, and temporarily disable
channel 3 and 4 output with the timer output master enable register (TOER). Then operate the
unit in accordance with the mode setting procedure (TOCR setting, TMDR setting, TOER
setting).
Pin initialization procedures are described below for the numbered combinations in table 8.43. The
active level is assumed to be low.
Note:
Channel number is substituted for * indicated in this article.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com