Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 335Page - Renesas Technology Corp 32186 Datasheet HTML 336Page - Renesas Technology Corp 32186 Datasheet HTML 337Page - Renesas Technology Corp 32186 Datasheet HTML 338Page - Renesas Technology Corp 32186 Datasheet HTML 339Page - Renesas Technology Corp 32186 Datasheet HTML 340Page - Renesas Technology Corp 32186 Datasheet HTML 341Page - Renesas Technology Corp 32186 Datasheet HTML 342Page - Renesas Technology Corp 32186 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-43
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TIO Interrupt Control Register 1 (TIOIR1)
<Address: H’0080 0235>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
TIOIS7 (TIO7 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
9
TIOIS6 (TIO6 interrupt request status bit)
1: Interrupt requested
10
TIOIS5 (TIO5 interrupt request status bit)
11
TIOIS4 (TIO4 interrupt request status bit)
12
TIOIM7 (TIO7 interrupt request mask bit)
0: Enable interrupt request
R
W
13
TIOIM6 (TIO6 interrupt request mask bit)
1: Mask (disable) interrupt request
14
TIOIM5 (TIO5 interrupt request mask bit)
15
TIOIM4 (TIO4 interrupt request mask bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
MJT output interrupt request 4
IRQ4
Data bus
b8
TIOIS7
F/F
TIOIM7
F/F
b12
b9
TIOIS6
F/F
TIOIM6
F/F
b13
b10
TIOIS5
F/F
TIOIM5
F/F
b14
b11
TIOIS4
F/F
TIOIM4
F/F
b15
(Level)
4-source inputs
TIOIR1 <H'0080 0235>
TIO7udf
TIO6udf
TIO5udf
TIO4udf
Figure 10.2.10 Block Diagram of MJT Output Interrupt Request 4
b8
9
1011121314
b15
TIOIS7
TIOIS6
TIOIS5
TIOIS4
TIOIM7
TIOIM6
TIOIM5
TIOIM4
000
0000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com