Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 336Page - Renesas Technology Corp 32186 Datasheet HTML 337Page - Renesas Technology Corp 32186 Datasheet HTML 338Page - Renesas Technology Corp 32186 Datasheet HTML 339Page - Renesas Technology Corp 32186 Datasheet HTML 340Page - Renesas Technology Corp 32186 Datasheet HTML 341Page - Renesas Technology Corp 32186 Datasheet HTML 342Page - Renesas Technology Corp 32186 Datasheet HTML 343Page - Renesas Technology Corp 32186 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-44
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TIO Interrupt Control Register 2 (TIOIR2)
<Address: H’0080 0236>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0, 1
No function assigned. Fix to "0."
00
2
TIOIS9 (TIO9 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
3
TIOIS8 (TIO8 interrupt request status bit)
1: Interrupt requested
4, 5
No function assigned. Fix to "0."
00
6
TIOIM9 (TIO9 interrupt request mask bit)
0: Enable interrupt request
R
W
7
TIOIM8 (TIO8 interrupt request mask bit)
1: Mask (disable) interrupt request
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
MJT output interrupt request 3
IRQ3
Data bus
b2
TIOIS9
F/F
TIOIM9
F/F
b6
b3
TIOIS8
F/F
TIOIM8
F/F
b7
(Level)
2-source inputs
TIOIR2 <H'0080 0236>
TIO9udf
TIO8udf
Figure 10.2.11 Block Diagram of MJT Output Interrupt Request 3
b0
123456
b7
TIOIS9
TIOIS8
TIOIM9
TIOIM8
0000000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com