Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 333Page - Renesas Technology Corp 32186 Datasheet HTML 334Page - Renesas Technology Corp 32186 Datasheet HTML 335Page - Renesas Technology Corp 32186 Datasheet HTML 336Page - Renesas Technology Corp 32186 Datasheet HTML 337Page - Renesas Technology Corp 32186 Datasheet HTML 338Page - Renesas Technology Corp 32186 Datasheet HTML 339Page - Renesas Technology Corp 32186 Datasheet HTML 340Page - Renesas Technology Corp 32186 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-41
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TOP Interrupt Control Register 3 (TOPIR3)
<Address: H’0080 0233>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8, 9
No function assigned. Fix to "0."
00
10
TOPIS9 (TOP9 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
11
TOPIS8 (TOP8 interrupt request status bit)
1: Interrupt requested
12, 13
No function assigned. Fix to "0."
00
14
TOPIM9 (TOP9 interrupt request mask bit)
0: Enable interrupt request
R
W
15
TOPIM8 (TOP8 interrupt request mask bit)
1: Mask (disable) interrupt request
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
Note: • TOP10 has only one interrupt source in the interrupt group, so that its status and mask registers are nonexistent in the MJT
interrupt control registers. (They are controlled directly by the Interrupt Controller.)
b10
TOPIS9
F/F
TOPIM9
F/F
b14
b11
TOPIS8
F/F
TOPIM8
F/F
b15
MJT output interrupt request 6
IRQ6
(Level)
2-source inputs
TOPIR3 <H'0080 0233>
Data bus
TOP9udf
TOP8udf
Figure 10.2.8 Block Diagram of MJT Output Interrupt Request 6
b8
9
1011121314
b15
TOPIS9
TOPIS8
TOPIM9
TOPIM8
000
0000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com