Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 330Page - Renesas Technology Corp 32186 Datasheet HTML 331Page - Renesas Technology Corp 32186 Datasheet HTML 332Page - Renesas Technology Corp 32186 Datasheet HTML 333Page - Renesas Technology Corp 32186 Datasheet HTML 334Page - Renesas Technology Corp 32186 Datasheet HTML 335Page - Renesas Technology Corp 32186 Datasheet HTML 336Page - Renesas Technology Corp 32186 Datasheet HTML 337Page - Renesas Technology Corp 32186 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-38
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
TOP Interrupt Control Register 0 (TOPIR0)
<Address: H’0080 0230>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0, 1
No function assigned. Fix to "0."
00
2
TOPIS5 (TOP5 interrupt request status bit)
0: Interrupt not requested
R(Note 1)
3
TOPIS4 (TOP4 interrupt request status bit)
1: Interrupt requested
4
TOPIS3 (TOP3 interrupt request status bit)
5
TOPIS2 (TOP2 interrupt request status bit)
6
TOPIS1 (TOP1 interrupt request status bit)
7
TOPIS0 (TOP0 interrupt request status bit)
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the value it had before the write.
TOP Interrupt Control Register 1 (TOPIR1)
<Address: H’0080 0231>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8, 9
No function assigned. Fix to "0."
00
10
TOPIM5 (TOP5 interrupt request mask bit)
0: Enable interrupt request
R
W
11
TOPIM4 (TOP4 interrupt request mask bit)
1: Mask (disable) interrupt request
12
TOPIM3 (TOP3 interrupt request mask bit)
13
TOPIM2 (TOP2 interrupt request mask bit)
14
TOPIM1 (TOP1 interrupt request mask bit)
15
TOPIM0 (TOP0 interrupt request mask bit)
b0
123456
b7
TOPIS5
TOPIS4
TOPIS3
TOPIS2
TOPIS1
TOPIS0
0000000
0
b8
9
10
11121314
b15
TOPIM5
TOPIM4
TOPIM3
TOPIM2
TOPIM1
TOPIM0
0000000
0
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com