Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 328Page - Renesas Technology Corp 32186 Datasheet HTML 329Page - Renesas Technology Corp 32186 Datasheet HTML 330Page - Renesas Technology Corp 32186 Datasheet HTML 331Page - Renesas Technology Corp 32186 Datasheet HTML 332Page - Renesas Technology Corp 32186 Datasheet HTML 333Page - Renesas Technology Corp 32186 Datasheet HTML 334Page - Renesas Technology Corp 32186 Datasheet HTML 335Page - Renesas Technology Corp 32186 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b4
5
b7
Interrupt request status
Initial state
Event occurs on bit 6
Interrupt request
Event occurs on bit 4
Only bit 6 cleared
Bit 4 data retained
b4
5
b7
1
1
0
1
Write to the interrupt request status
Example for clearing interrupt request status
0
0
0
0
0
0
1
0
1
0
1
0
1
0
0
0
Program example
ISTREG = 0xfd;
/* Clear ISTAT1 (0x02 bit) only */
• To clear the Interrupt Request Status Register 0 (ISTREG) interrupt request status 1, ISTAT1 (0x02 bit)
To clear an interrupt request status, always be sure to write "1" to all other interrupt request status bits. At this time,
avoid using a logic operation like the one shown below. Because it requires three step-ISTREG read, logic operation
and write, if another interrupt request occurs between the read and write, status may be inadvertently cleared.
b4
5
6
b7
Interrupt request status
Event occurs on bit 6
Event occurs on bit 4
Only bit 6 cleared
Bit 4 also cleared
0
0
1
0
1
0
1
0
0
0
0
0
Read
0
0
1
0
0
0
0
0
Clear bit 6 (ANDing with 1101)
Write
6
6
ISTREG &= 0xfd;
/* Clear ISTAT1 (0x02 bit) only */
Figure 10.2.5 Example for Clearing Interrupt Request Status
10.2 Common Units of Multijunction Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com