Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 427Page - Renesas Technology Corp 32186 Datasheet HTML 428Page - Renesas Technology Corp 32186 Datasheet HTML 429Page - Renesas Technology Corp 32186 Datasheet HTML 430Page - Renesas Technology Corp 32186 Datasheet HTML 431Page - Renesas Technology Corp 32186 Datasheet HTML 432Page - Renesas Technology Corp 32186 Datasheet HTML 433Page - Renesas Technology Corp 32186 Datasheet HTML 434Page - Renesas Technology Corp 32186 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-135
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.7 TID (Input-Related 16-Bit Timer)
10.7.1 Outline of TID
TID (Timer Input Derivation) is an input-related 16-bit timer, whose operation mode can be selected from the
following by mode switching in software, one at a time:
• Fixed period count mode
• Event count mode
• Multiply-by-4 event count mode
• Up/down event count mode
The table below and the diagram in the next page show specifications and a block diagram of TID, respectively.
Table 10.7.1 Specifications of TID (Input-Related 16-Bit Timer)
Item
Specification
Number of channels
2 channels
Counter
16-bit up/down-counter
Reload register
16-bit reload register
Timer startup
Started by writing to the enable bit in software
Operation mode
<Input modes>
• Fixed period count mode
• Event count mode
• Multiply-by-4 event count mode
• Up/down event count mode
Interrupt request generation
Can be generated by counter underflow and overflow
DMA transfer request generation
Can be generated by counter underflow and overflow
10.7 TID (Input-Related 16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com