Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 430Page - Renesas Technology Corp 32186 Datasheet HTML 431Page - Renesas Technology Corp 32186 Datasheet HTML 432Page - Renesas Technology Corp 32186 Datasheet HTML 433Page - Renesas Technology Corp 32186 Datasheet HTML 434Page - Renesas Technology Corp 32186 Datasheet HTML 435Page - Renesas Technology Corp 32186 Datasheet HTML 436Page - Renesas Technology Corp 32186 Datasheet HTML 437Page - Renesas Technology Corp 32186 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-138
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.7.3 TID Control & Prescaler Enable Registers
TID0 Control & Prescaler 3 Enable Register (TID0PRS3EN)
<Address: H’0080 07D1>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–10
TID0M
000: Fixed period count mode
R
W
TID0 operation mode select bit
001: Fixed period count mode
010: Multiply-by-4 event count mode
011: Event count mode
100: Fixed period count mode
101: Fixed period count mode
110: Multiply-by-4 event count mode
111: Up/down event count mode
11
TID0CEN
0: Stop TID0 count
R
W
TID0 count enable bit
1: Start TID0 count
12–14
TOU0ENS
000: Disable event enable
R
W
TOU0 enable source select bit
001: Disable event enable
010: TID0 underflow/overflow
011: TOU0_7 underflow
100: Disable event enable
101: Disable event enable
110: Output event bus 0
111: External input TIN25 signal
15
PRS3EN
0: Stop prescaler 3 count
R
W
Prescaler 3 enable bit
1: Start prescaler 3 count
Note: • Operation mode can only be set or changed while the counter is inactive.
The TID0 Control & Prescaler 3 Enable Register is used to select TID0 operation mode (Fixed period count,
Event count, Multiply-by-4 event count or up/down event count mode), as well as select TOU0_0–7 timer
enable sources and control prescaler 3 startup.
b8
9
10
11121314
b15
TID0M
TID0CEN
TOU0ENS
PRS3EN
000
0000
0
10.7 TID (Input-Related 16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com