Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 433Page - Renesas Technology Corp 32186 Datasheet HTML 434Page - Renesas Technology Corp 32186 Datasheet HTML 435Page - Renesas Technology Corp 32186 Datasheet HTML 436Page - Renesas Technology Corp 32186 Datasheet HTML 437Page - Renesas Technology Corp 32186 Datasheet HTML 438Page - Renesas Technology Corp 32186 Datasheet HTML 439Page - Renesas Technology Corp 32186 Datasheet HTML 440Page - Renesas Technology Corp 32186 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-141
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.7.6 Outline of Each Mode of TID
Each mode of TID is outlined below. TID modes can be selected from the following, only one at a time.
(1) Fixed period count mode
In fixed period count mode, the timer uses a reload register to generate an interrupt request at intervals of
" reload register set value + 1."
Note: • TINn cannot be used as a clock source.
When the timer is enabled (by writing to the enable bit in software) after setting the reload register (initial
value being undefined), the counter is loaded with the content of " the reload register -1" and starts counting
synchronously with the count clock at the next cycle. The counter counts down and when it underflows after
reaching the minimum count, the counter is loaded with the content of " the reload register -1" and continues
counting. To stop the counter, disable count by writing to the enable bit in software. An interrupt request and
a DMA transfer request can be generated each time the counter underflows.
The " reload register set value + 1" is effective as count value.
H'(E000-1)
Count clock
Counter
Enabled
(by writing to the enable bit)
Underflow
(first time)
TID0 interrupt request
due to underflow
Enable bit
Reload register
Underflow
(second time)
Undefined
value
DMA transfer request
due to underflow
(Note 1)
Note 1: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
(Note 1)
(Note 1)
H'FFFF
H'0000
H'E000
H'E000
H'(E000-1)
H'(E000-1)
H'E000
Counter
Figure 10.7.3 Typical Operation in TID Fixed Period Count Mode
10.7 TID (Input-Related 16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com