| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 441 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 441 Page - Renesas Technology Corp |
|
441 / 1032 page ![]() MULTIJUNCTION TIMERS 10 10-145 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 (4) Up/down event count mode In up/down event count mode, the timer uses one of two-channel external input signals (TIN24 or TIN26) as the clock source for the counter and the other (TIN25 or TIN27) as an up/down select signal. The counter is switched between up-count and down-count depending on the status of the up/down select input signal. By detecting the rising and falling edges of the external input signal selected as the clock source, the timer generates clock pulses synchronized to the microcomputer’s internal clock. When after setting the counter the timer is enabled, the counter starts counting up or down synchronously with the generated clock. The count direction is determined by the level of the up/down select input signal (see Table 10.7.3). An inter- rupt request and a DMA transfer request can be generated when the counter underflows or overflows. To stop the counter, disable count by writing to the enable bit in software or fix the external input signal selected as the clock source either "H" or "L." Note that TIN25 and TIN27 cannot be used as the clock source. Table 10.7.3 Count Direction during Up/Down Event Count Mode TIN24 (TIN26) TIN25 (TIN27) Input Up-count Down-count Count Direction "L" level "H" level Figure 10.7.9 Up/Down Count Operation Figure 10.7.10 Up/Down Count Operation (Interrupt Request Timing) TIN25 (TIN27) Counter value 7FFF 7FFF 8000 8001 8002 8001 8000 Up-count Down-count TIN24 (TIN26) FFFD FFFE FFFF 0000 0001 0002 0003 0002 0001 0000 FFFF FFFE FFFD TIN24 (TIN26) TIN25 (TIN27) DMA transfer request TID output interrupt request due to overflow or underflow Counter value 10.7 TID (Input-Related 16-Bit Timer) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |