Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 441Page - Renesas Technology Corp 32186 Datasheet HTML 442Page - Renesas Technology Corp 32186 Datasheet HTML 443Page - Renesas Technology Corp 32186 Datasheet HTML 444Page - Renesas Technology Corp 32186 Datasheet HTML 445Page - Renesas Technology Corp 32186 Datasheet HTML 446Page - Renesas Technology Corp 32186 Datasheet HTML 447Page - Renesas Technology Corp 32186 Datasheet HTML 448Page - Renesas Technology Corp 32186 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-149
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
BCLK
Count clock
Enable
F/F operation (Note 1)
Count clock period
Count clock-dependent
delay
Write to the enable bit
Note 1: This applies to the case where F/F output is inverted when the timer is enabled.
Inverted
Figure 10.8.2 Count Clock Dependent Delay
(4) Single-shot output mode (without correction function)
In single-shot output mode, the timer generates a pulse in width of " reload register set value + 1" only once
and then stops.
When the timer is enabled after setting the reload register, the counter is loaded with the content of " the
reload register -1" and starts counting synchronously with the count clock at the next cycle. The counter
counts down and when the minimum count is reached, stops upon underflow.
The F/F output waveform in single-shot output mode is inverted (F/F output level changes from "L" to "H" or
vice versa) at startup and upon underflow, generating a single-shot pulse waveform in width of " reload
register set value + 1" only once. An interrupt request and DMA transfer request can be generated when the
counter underflows.
(5) Continuous output mode (without correction function)
In continuous output mode, the timer counts down starting from the set value of the counter and when the
counter underflows, it is loaded with the value that the reload register. Thereafter, this operation is repeated
each time the counter underflows, thus generating inverted consecutive pulses in width of " reload register
set value + 1."
When the timer is enabled after setting the counter and reload register, it starts counting down from the
counter’s set value synchronously with the count clock and when the minimum count is reached, generates
an underflow. At the cycle after this underflow causes the counter to be loaded with the content of " the
reload register -1" and start counting over again at the next cycle. Thereafter, this operation is repeated
each time an underflow occurs. To stop the counter, disable count by writing to the enable bit in software.
The F/F output waveform in continuous output mode is inverted (F/F output level changes from "L" to "H" or
vice versa) at startup and upon underflow, generating a waveform of consecutive pulses until the timer
stops counting. An interrupt request and DMA transfer request can be generated each time the counter
underflows.
<Count clock-dependent delay>
• Because the timer operates synchronously with the count clock, up to one count clock-dependent delay
is generated by the time when the timer actually starts operating after writing the enable bit. In operation
mode where the F/F output is inverted when the timer is enabled, there is also a count clock-dependent
delay before the F/F output is inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com