Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 442Page - Renesas Technology Corp 32186 Datasheet HTML 443Page - Renesas Technology Corp 32186 Datasheet HTML 444Page - Renesas Technology Corp 32186 Datasheet HTML 445Page - Renesas Technology Corp 32186 Datasheet HTML 446Page - Renesas Technology Corp 32186 Datasheet HTML 447Page - Renesas Technology Corp 32186 Datasheet HTML 448Page - Renesas Technology Corp 32186 Datasheet HTML 449Page - Renesas Technology Corp 32186 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-150
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.3 TOU Related Register Map
Shown below is a TOU related register map.
TOU Related Register Map (1/3)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0520
PWM Output 0 Disable Control Register GA
PWM Output 0 Disable Level Control Register GA
10-168
(PO0DISGACR)
(PO0LVGACR)
10-171
H'0080 0522
PWM Output 1 Disable Control Register GA
PWM Output 1 Disable Level Control Register GA
10-168
(PO1DISGACR)
(PO1LVGACR)
10-171
H'0080 0524
(Use inhibited area)
H'0080 0526
PWMOFF 0 Function Enable Register
PWMOFF 1 Function Enable Register
10-173
(PWMOFF0EN)
(PWMOFF1EN)
H'0080 0780
PWM Output 0 Disable Control Register GB
PWM Output 0 Disable Level Control Register GB
10-168
(PO0DISGBCR)
(PO0LVGBCR)
10-171
H'0080 0782
PWM Output 1 Disable Control Register GB
PWM Output 1 Disable Level Control Register GB
10-169
(PO1DISGBCR)
(PO1LVGBCR)
10-171
H'0080 0790
TOU0_0 Counter
(Upper)
10-157
(TOU00CTW)
(TOU00CTH)
H'0080 0792
(Lower)
10-159
(TOU00CT)
H'0080 0794
TOU0_0 Reload Register
TOU0_0 Reload 1 Register
10-160
(TOU00RLW)
(TOU00RL1)
10-162
H'0080 0796
TOU0_0 Reload 0 Register
10-161
(TOU00RL0)
H'0080 0798
TOU0_1 Counter
(Upper)
10-157
(TOU01CTW)
(TOU01CTH)
H'0080 079A
(Lower)
10-159
(TOU01CT)
H'0080 079C
TOU0_1 Reload Register
TOU0_1 Reload 1 Register
10-160
(TOU01RLW)
(TOU01RL1)
10-162
H'0080 079E
TOU0_1 Reload 0 Register
10-161
(TOU01RL0)
H'0080 07A0
TOU0_2 Counter
(Upper)
10-157
(TOU02CTW)
(TOU02CTH)
H'0080 07A2
(Lower)
10-159
(TOU02CT)
H'0080 07A4
TOU0_2 Reload Register
TOU0_2 Reload 1 Register
10-160
(TOU02RLW)
(TOU02RL1)
10-162
H'0080 07A6
TOU0_2 Reload 0 Register
10-161
(TOU02RL0)
H'0080 07A8
TOU0_3 Counter
(Upper)
10-157
(TOU03CTW)
(TOU03CTH)
H'0080 07AA
(Lower)
10-159
(TOU03CT)
H'0080 07AC
TOU0_3 Reload Register
TOU0_3 Reload 1 Register
10-160
(TOU03RLW)
(TOU03RL1)
10-162
H'0080 07AE
TOU0_3 Reload 0 Register
10-161
(TOU03RL0)
H'0080 07B0
TOU0_4 Counter
(Upper)
10-157
(TOU04CTW)
(TOU04CTH)
H'0080 07B2
(Lower)
10-159
(TOU04CT)
H'0080 07B4
TOU0_4 Reload Register
TOU0_4 Reload 1 Register
10-160
(TOU04RLW)
(TOU04RL1)
10-162
H'0080 07B6
TOU0_4 Reload 0 Register
10-161
(TOU04RL0)
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com