Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 438Page - Renesas Technology Corp 32186 Datasheet HTML 439Page - Renesas Technology Corp 32186 Datasheet HTML 440Page - Renesas Technology Corp 32186 Datasheet HTML 441Page - Renesas Technology Corp 32186 Datasheet HTML 442Page - Renesas Technology Corp 32186 Datasheet HTML 443Page - Renesas Technology Corp 32186 Datasheet HTML 444Page - Renesas Technology Corp 32186 Datasheet HTML 445Page - Renesas Technology Corp 32186 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-146
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8 TOU (Output-Related 24-Bit Timer)
10.8.1 Outline of TOU
TOU (Timer Output Unification) is an output-related 24-bit timer, whose operation mode can be selected from
the following by mode switching in software, one at a time.
<Output modes without correction function>
• PWM output mode
• Single-shot PWM output mode
• Delayed single-shot output mode
• Single-shot output mode
• Continuous output mode
The table below and the diagram in the next page show specifications and a block diagram of TOU, respectively.
Table 10.8.1 Specifications of TOU (Output-Related 24-Bit Timer)
Item
Specification
Number of channels
16 channels (8 channels
× 2 circuit blocks)
Counter
24-bit down-counter (or 16-bit down counter when in PWM output or single-shot
PWM output mode)
Reload register
24-bit reload register (or 16-bit reload register when in PWM output or single-shot
PWM output mode)
Timer startup
TOU0:
• Writing to the enable bit in software
• TID0 underflow/overflow signal
• TOU0_7 underflow signal
• Output event bus 0 signal
• External input TIN25 signal
TOU1:
• Writing to the enable bit in software
• TID1 underflow/overflow signal
• TOU1_7 underflow signal
• TOU0 cause of start signal (Event enable must be selected by TOU0)
• External input TIN27 signal
Mode switching
<Output modes without correction function>
• PWM output mode
• Single-shot PWM output mode
• Delayed single-shot output mode
• Single-shot output mode
• Continuous output mode
Interrupt request generation
Can be generated by a counter underflow
DMA transfer request generation
Can be generated by a counter underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com