Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 435Page - Renesas Technology Corp 32186 Datasheet HTML 436Page - Renesas Technology Corp 32186 Datasheet HTML 437Page - Renesas Technology Corp 32186 Datasheet HTML 438Page - Renesas Technology Corp 32186 Datasheet HTML 439Page - Renesas Technology Corp 32186 Datasheet HTML 440Page - Renesas Technology Corp 32186 Datasheet HTML 441Page - Renesas Technology Corp 32186 Datasheet HTML 442Page - Renesas Technology Corp 32186 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1032 page
background image
MULTIJUNCTION TIMERS
10
10-143
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(3) Multiply-by-4 event count mode
In multiply-by-4 event count mode, the timer uses two external input signals in pairs (TIN24 and TIN25 or
TIN26 and TIN27) as the clock sources for the counter. The count direction is switched between up-count
and down-count depending on the status of the two input signals.
By detecting the rising and falling edges on both of the two external input signals, the timer generates clock
pulses synchronized to the microcomputer’s internal clock. When after setting the counter the timer is en-
abled (by writing to the enable bit in software), the counter starts counting synchronously with the generated
clock. To know whether the counter counts up or counts down, see Table 10.7.2 below.
An interrupt request and a DMA transfer request can be generated when the counter underflows or overflows.
To stop the counter, disable count by writing to the enable bit in software or fix the external input signals
either "H" or "L."
Table 10.7.2 Count Direction during Multiply-by-4 Event Count Mode
TIN24
(TIN26)
TIN25
(TIN27)
Input
H
H
L
L
H
L
L
H
Up-count
Down-count
Count Direction
10.7 TID (Input-Related 16-Bit Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com