Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 446Page - Renesas Technology Corp 32186 Datasheet HTML 447Page - Renesas Technology Corp 32186 Datasheet HTML 448Page - Renesas Technology Corp 32186 Datasheet HTML 449Page - Renesas Technology Corp 32186 Datasheet HTML 450Page - Renesas Technology Corp 32186 Datasheet HTML 451Page - Renesas Technology Corp 32186 Datasheet HTML 452Page - Renesas Technology Corp 32186 Datasheet HTML 453Page - Renesas Technology Corp 32186 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-154
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
TOU1
PRS4
TOU1 TOU10 TOU11 TOU12 TOU13 TOU14 TOU15 TOU16 TOU17
CKS
CKS
SHEN
M1
M1
M1
M1
M1
M1
M1
M1
0
000
000
00
000
00
00
b0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
b15
TOU10M0
TOU11M0
TOU12M0
TOU13M0
TOU14M0
TOU15M0
TOU16M0
TOU17M0
0
00
00
00
000
0000
00
TOU1 Control Register 0 (TOU1CR0)
<Address: H’0080 0BDA>
<Upon exiting reset: H’0000>
b
Bit Name
Function
R
W
0, 1
TOU10M0 (TOU1_0 operation mode select 0 bit)
00: Single-shot output mode
R
W
2, 3
TOU11M0 (TOU1_1 operation mode select 0 bit)
01: Single-shot PWM output mode
4, 5
TOU12M0 (TOU1_2 operation mode select 0 bit)
or delayed single-shot output mode (Note 1)
6, 7
TOU13M0 (TOU1_3 operation mode select 0 bit)
10: Continuous output mode
8, 9
TOU14M0 (TOU1_4 operation mode select 0 bit)
11: PWM output mode
10, 11
TOU15M0 (TOU1_5 operation mode select 0 bit)
12, 13
TOU16M0 (TOU1_6 operation mode select 0 bit)
14, 15
TOU17M0 (TOU1_7 operation mode select 0 bit)
Note 1: Use TOU1 Control Register 1 to select between these two modes.
Notes: • This register must always be accessed in halfwords.
• Operation mode can only be set or changed while the counter is inactive.
TOU1 Control Register 1 (TOU1CR1)
<Address: H’0080 0BD8>
<Upon exiting reset: H’0000>
b
Bit Name
Function
R
W
0
TOU1CKS
0: Use prescaler 4
R
W
TOU1 clock source select bit
1: Use external clock (TIN26)
1
PRS4CKS
0: BCLK/4
R
W
Prescaler 4 supplied clock select bit
1: BCLK
2–6
No function assigned. Fix to "0."
0–
7
TOU1SHEN
0: Disable shorting prevention function
R
W
TOU1 shorting prevention function enable bit
1: Enable shorting prevention function
8
TOU10M1 (TOU1_0 operation mode select 1 bit)
0: Single-shot PWM output mode
R
W
9
TOU11M1 (TOU1_1 operation mode select 1 bit)
1: Delayed single-shot output mode
10
TOU12M1 (TOU1_2 operation mode select 1 bit)
11
TOU13M1 (TOU1_3 operation mode select 1 bit)
12
TOU14M1 (TOU1_4 operation mode select 1 bit)
13
TOU15M1 (TOU1_5 operation mode select 1 bit)
14
TOU16M1 (TOU1_6 operation mode select 1 bit)
15
TOU17M1 (TOU1_7 operation mode select 1 bit)
Notes: • This register must always be accessed in halfwords.
• Operation mode and the short preventiion function can only be set or changed while the counter is inactive.
TOU1 Control Registers 0 and 1 are used to select operation modes of TOU1_0–7.
To select prescaler 4 as the clock source for TOU1, make sure the TID1 Control & Prescaler 4 Enable Register’s
prescaler 4 enable bit is set to "1." For details, see Section 10.7.3, "TID Control & Prescaler Enable Registers."
Note: • Before setting up or modifying the TOU control register, be sure to stop the relevant timer by
writing "0" to its count enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com