| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 451 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 451 Page - Renesas Technology Corp |
|
451 / 1032 page ![]() 10.8 TOU (Output-Related 24-Bit Timer) MULTIJUNCTION TIMERS 10 10-155 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 b0 12 3456 b7 SHFP29 SHFP30 SHFP31 SHFP32 SHFP33 SHFP34 000 0000 0 b0 12 3456 b7 SHFP21 SHFP22 SHFP23 SHFP24 SHFP25 SHFP26 000 0000 0 10.8.5 Shorting Prevention Function Registers Shorting Prevention Function F/F21-26 Protect Register (SHFF2126P) <Address: H’0080 07D4> <Upon exiting reset: H’00> b Bit Name Function R W 0 SHFP21 0: Enable write to shorting prevention function F/F output bit R W Shorting prevention function F/F21 protect bit 1: Disable write to shorting prevention function F/F output bit 1 SHFP22 Shorting prevention function F/F22 protect bit 2 SHFP23 Shorting prevention function F/F23 protect bit 3 SHFP24 Shorting prevention function F/F24 protect bit 4 SHFP25 Shorting prevention function F/F25 protect bit 5 SHFP26 Shorting prevention function F/F26 protect bit 6, 7 No function assigned. Fix to "0." 00 Shorting Prevention Function F/F29–34 Protect Register (SHFF2934P) <Address: H’0080 0BD4> <Upon exiting reset: H’00> b Bit Name Function R W 0 SHFP29 0: Enable write to shorting prevention function F/F output bit R W Shorting prevention function F/F29 protect bit 1: Disable write to shorting prevention function F/F output bit 1 SHFP30 Shorting prevention function F/F30 protect bit 2 SHFP31 Shorting prevention function F/F31 protect bit 3 SHFP32 Shorting prevention function F/F32 protect bit 4 SHFP33 Shorting prevention function F/F33 protect bit 5 SHFP34 Shorting prevention function F/F34 protect bit 6, 7 No function assigned. Fix to "0." 00 These registers control write to each shorting prevention function F/F (flip-flop) by enabling or disabling. If write to any F/F is disabled, writing to the shorting prevention F/F data register has no efect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |