Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 450Page - Renesas Technology Corp 32186 Datasheet HTML 451Page - Renesas Technology Corp 32186 Datasheet HTML 452Page - Renesas Technology Corp 32186 Datasheet HTML 453Page - Renesas Technology Corp 32186 Datasheet HTML 454Page - Renesas Technology Corp 32186 Datasheet HTML 455Page - Renesas Technology Corp 32186 Datasheet HTML 456Page - Renesas Technology Corp 32186 Datasheet HTML 457Page - Renesas Technology Corp 32186 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-158
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
The TOU counters operate as a 24-bit down-counter when in single-shot output, delayed single-shot output or
continuous output mode. After the timer is enabled (by writing to the enable bit in software or upon occurrence
of the event selected by the TOU enable source select bit), the counter starts counting synchronously with the
count clock. Bits 8–15 and bits 16–31 are the 8 high-order and the 16 low-order bits of the counter, respec-
tively. Bits 0–7 are ignored.
When writing to the counter separately in high and low-order bits, rewrite the 8 high-order bits first and then the
16 low-order bits. The 8 high-order bits become effective when the 16 low-order bits are rewritten. If the counter
is rewritten in the reverse order beginning with the 16 low-order bits, the value of the 8 high-order bits is not
reflected until the next time the 16 low-order bits are rewritten. If the 8 high-order bits are read before the CPU
has finished rewriting the 16 low-order bits after rewriting the 8 high-order bits. The read value shows the
previous data (when not counting) or the current count of the previous data (when count is in progress), and not
the new rewritten data. If the counter is written to in 32-bit units, it is rewritten successively in order of the 8
high-order bits and then the 16 low-order bits automatically.
During PWM output or single-shot PWM output mode, the TOU counters operate as a 16-bit down-counter
where only the 16 low-order bits are effective. For details, see Section 10.8.6, Paragraph (2), “TOU counters
during PWM output and single-shot PWM output modes.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com