Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 451Page - Renesas Technology Corp 32186 Datasheet HTML 452Page - Renesas Technology Corp 32186 Datasheet HTML 453Page - Renesas Technology Corp 32186 Datasheet HTML 454Page - Renesas Technology Corp 32186 Datasheet HTML 455Page - Renesas Technology Corp 32186 Datasheet HTML 456Page - Renesas Technology Corp 32186 Datasheet HTML 457Page - Renesas Technology Corp 32186 Datasheet HTML 458Page - Renesas Technology Corp 32186 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-159
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(2) TOU counters during PWM output and single-shot PWM output modes
TOU0_0 Counter (TOU00CT)
<Address: H’0080 0792>
TOU0_1 Counter (TOU01CT)
<Address: H’0080 079A>
TOU0_2 Counter (TOU02CT)
<Address: H’0080 07A2>
TOU0_3 Counter (TOU03CT)
<Address: H’0080 07AA>
TOU0_4 Counter (TOU04CT)
<Address: H’0080 07B2>
TOU0_5 Counter (TOU05CT)
<Address: H’0080 07BA>
TOU0_6 Counter (TOU06CT)
<Address: H’0080 07C2>
TOU0_7 Counter (TOU07CT)
<Address: H’0080 07CA>
TOU1_0 Counter (TOU10CT)
<Address: H’0080 0B92>
TOU1_1 Counter (TOU11CT)
<Address: H’0080 0B9A>
TOU1_2 Counter (TOU12CT)
<Address: H’0080 0BA2>
TOU1_3 Counter (TOU13CT)
<Address: H’0080 0BAA>
TOU1_4 Counter (TOU14CT)
<Address: H’0080 0BB2>
TOU1_5 Counter (TOU15CT)
<Address: H’0080 0BBA>
TOU1_6 Counter (TOU16CT)
<Address: H’0080 0BC2>
TOU1_7 Counter (TOU17CT)
<Address: H’0080 0BCA>
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–15
TOU00CT–TOU07CT,
16-bit counter value
R
W
TOU10CT–TOU17CT
Note: • These registers must always be accessed in halfwords.
The TOU counters operate as a 16-bit down-counter when in PWM output or single-shot PWM output mode.
After the timer is enabled (by writing to the enable bit in software or upon occurrence of the event selected by
the TOU enable source select bit), the counter starts counting synchronously with the count clock.
During single-shot output, delayed single-shot output and continuous output modes, the TOU counters operate
as a 24-bit down-counter, with the 8 high-order bits added. For details, see Section 10.8.6, Paragraph (1),
“TOU counters during single-shot output, delayed single-shot output and continuous output modes.”
b0
12
34
56
78
9
10
11
12
13
14
b15
TOU00CT–TOU07CT, TOU10CT–TOU17CT
??
??
??
??
??
?
??
??
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com