Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 472Page - Renesas Technology Corp 32186 Datasheet HTML 473Page - Renesas Technology Corp 32186 Datasheet HTML 474Page - Renesas Technology Corp 32186 Datasheet HTML 475Page - Renesas Technology Corp 32186 Datasheet HTML 476Page - Renesas Technology Corp 32186 Datasheet HTML 477Page - Renesas Technology Corp 32186 Datasheet HTML 478Page - Renesas Technology Corp 32186 Datasheet HTML 479Page - Renesas Technology Corp 32186 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-180
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.15 Operation in TOU Single-shot PWM Output Mode (without Correction Function)
(1) Outline of TOU single-shot PWM output mode
In single-shot PWM output mode, the timer uses two reload registers to generate a waveform with a given
duty cycle only once. When PWM output mode, it is operated as a 16 bit timer.
When the timer is enabled after setting the initial values in the reload 0 and reload 1 registers, the counter is
loaded with the value that " the reload 0 register -1" and starts counting down synchronously with the count
clock at the next cycle. At the cycle after the first time the counter underflows, it is loaded with tthe value that
" the reload 1 register -1" and continues counting. The counter stops when it underflows next time. The "
reload 0 register set value + 1" and " reload 1 register set value + 1" respectively are effective as count
values.
The timer can be stopped in software, in which case it stops at the same time count is disabled by writing to
the enable bit (and not in synchronism with PWM output period).
The F/F output waveform in single-shot PWM output mode is inverted (F/F output level changes from "L" to
"H" or vice versa) each time the counter underflows. (Unlike in PWM output mode, the F/F output is not
inverted when the counter is enabled.) An interrupt request and DMA transfer request can be generated
when the counter underflows second time after being enabled.
If the value ‘H'FFFF’ is set in either the reload 0 register or the reload 1 register, F/F output will not be
inverted although an interrupt request is generated upon underflow, making it possible to produce a 0% or
100% duty-cycle PWM output. Because a 0% or 100% duty-cycle needs to be determined when reloading
the counter, there is a one count clock equivalent delay before F/F is inverted and an interrupt or DMA
transfer request is generated. However, startup requests to other timers are not delayed. For details, see
Section 10.8.19, “0% or 100% Duty-Cycle Wave Output during PWM Output and Single-shot PWM Output
Modes.”
Note that TOU’s single-shot PWM output mode does not have the count correction function.
(2) Precautions about using TOU single-shot PWM output mode
The following describes precautions to be observed when using TOU single-shot PWM output mode.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the
enable bit, the latter has priority so that count is disabled.
• If the counter is accessed for read at the cycle of underflow, the counter value is read out as H'FFFF but
changes to “reload register value -1” at the next count clock timing.
• Updating of reload 0 and reload 1 during timer operation does not effect PWM waveform that is outputting
at present. Updating is reflected at the next PWM period after updating reload 0 register.
Because a 0% or 100% duty-cycle needs to be determined when reloading the counter, there is a one count
clock equivalent delay before F/F is inverted and an interrupt or DMA transfer request is generated. How-
ever, startup requests to other timers are not delayed. For details, see Section 10.8.19, “0% or 100% Duty-
Cycle Wave Output during PWM Output and Single-shot PWM Output Modes.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com