Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 474Page - Renesas Technology Corp 32186 Datasheet HTML 475Page - Renesas Technology Corp 32186 Datasheet HTML 476Page - Renesas Technology Corp 32186 Datasheet HTML 477Page - Renesas Technology Corp 32186 Datasheet HTML 478Page - Renesas Technology Corp 32186 Datasheet HTML 479Page - Renesas Technology Corp 32186 Datasheet HTML 480Page - Renesas Technology Corp 32186 Datasheet HTML 481Page - Renesas Technology Corp 32186 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-182
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.16 Operation in TOU Delayed Single-shot Output Mode (without Correction Function)
(1) Outline of TOU delayed single-shot output mode
In delayed single-shot output mode, the timer generates a pulse in width of " reload register set value + 1"
after a finite time equal to " counter set value + 1" only once and then stops.
When the timer is enabled after setting the counter and reload register, it starts counting down from the
counter’s set value synchronously with the count clock. At the cycle after the first time the counter
underflows, it is loaded with the value that " the reload register -1" and continues counting down. The
counter stops when it underflows next time.
The F/F output waveform in delayed single-shot output mode is inverted (F/F output level changes from "L"
to "H" or vice versa) when the counter underflows first time and next, generating a single-shot pulse wave-
form in width of " reload register set value + 1" after a finite time equal to " first set value of counter + 1" only
once. An interrupt request can be generated when the counter underflows first time and next.
The " counter set value + 1" and " reload register set value + 1" respectively are effective as count values.
(For counting operation, see also Section 10.3.10, “Operation of TOP Delayed Single-shot Output Mode.”)
(2) Precautions about using TOU delayed single-shot output mode
The following describes precautions to be observed when using TOU delayed single-shot output mode.
• If the counter stops due to an underflow in the same clock period as the timer is enabled by external input,
the former has priority so that the counter stops.
• If the counter stops due to an underflow in the same clock period as count is enabled by writing to the
enable bit, the latter has priority so that count is enabled.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the
enable bit, the latter has priority so that count is disabled.
• If the counter is accessed for read at the cycle of underflow, the counter value is read as H'FFFF but
changes to “ reload register value -1” at the next count clock timing.
• Because the timer operates synchronously with the count clock, a count clock-dependent delay is in-
cluded before F/F output is inverted after the timer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com