Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 478Page - Renesas Technology Corp 32186 Datasheet HTML 479Page - Renesas Technology Corp 32186 Datasheet HTML 480Page - Renesas Technology Corp 32186 Datasheet HTML 481Page - Renesas Technology Corp 32186 Datasheet HTML 482Page - Renesas Technology Corp 32186 Datasheet HTML 483Page - Renesas Technology Corp 32186 Datasheet HTML 484Page - Renesas Technology Corp 32186 Datasheet HTML 485Page - Renesas Technology Corp 32186 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-186
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.18 Operation in TOU Continuous Output Mode (without Correction Function)
(1) Outline of TOU continuous output mode
In continuous output mode, the timer counts down starting from the set value of the counter and when the
counter underflows, it is loaded with the reload register value. Thereafter, this operation is repeated each
time the counter underflows, thus generating consecutive pulses whose waveform is inverted in width of "
reload register set value + 1."
When the timer is enabled after setting the counter and reload register, it starts counting down from the
counter’s set value synchronously with the count clock and when the minimum count is reached, generates
an underflow. At the next cycle after this underflow causes the counter to be loaded with the content of " the
reload register -1" and start counting over again. Thereafter, this operation is repeated each time an under-
flow occurs. To stop the counter, disable count by writing to the enable bit in software.
The F/F output waveform in continuous output mode is inverted (F/F output level changes from "L" to "H" or
vice versa) at startup and upon underflow, generating a waveform of consecutive pulses until the timer
stops counting. An interrupt request and DMA request can be generated each time the counter underflows.
The " counter set value + 1" and " reload register set value + 1" are effective as count values. (For counting
operation, see also Section 10.3.11, “Operation of TOP Continuous Output Mode.”)
(2) Precautions about using TOU continuous output mode
The following describes precautions to be observed when using TOU continuous output mode.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the
enable bit, the latter has priority so that count is disabled.
• If the counter is accessed for read at the cycle of underflow, the counter value is read out as H'FFFF but
changes to “ reload register value -1” at the next count clock timing.
• Because the timer operates synchronously with the count clock, up to one count clock-dependent delay
is generated before F/F output is inverted after writing the enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com