Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 479Page - Renesas Technology Corp 32186 Datasheet HTML 480Page - Renesas Technology Corp 32186 Datasheet HTML 481Page - Renesas Technology Corp 32186 Datasheet HTML 482Page - Renesas Technology Corp 32186 Datasheet HTML 483Page - Renesas Technology Corp 32186 Datasheet HTML 484Page - Renesas Technology Corp 32186 Datasheet HTML 485Page - Renesas Technology Corp 32186 Datasheet HTML 486Page - Renesas Technology Corp 32186 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-187
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.8.15 Typical Operation in TOU Continuous Output Mode (without Correction Function)
H'FF FFFF
H'FF 0000
H'0E 0000
H'0A 0000
H'0E 0000
H'(0E 000-1)
Data inverted by
enable
Data inverted by
underflow
Data inverted by
underflow
DMA transfer request
Underflow
(first time)
Count down from the
counter set value
Underflow
(second time)
Count clock
Enabled
(by writing to the enable bit
or by external input)
F/F output
Interrupt request
due to underflow
Enable bit
Reload register
Counter
(Note 1)
Note 1: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
H'(0E 000-1)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com