Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 508 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 504Page - Renesas Technology Corp 32186 Datasheet HTML 505Page - Renesas Technology Corp 32186 Datasheet HTML 506Page - Renesas Technology Corp 32186 Datasheet HTML 507Page - Renesas Technology Corp 32186 Datasheet HTML 508Page - Renesas Technology Corp 32186 Datasheet HTML 509Page - Renesas Technology Corp 32186 Datasheet HTML 510Page - Renesas Technology Corp 32186 Datasheet HTML 511Page - Renesas Technology Corp 32186 Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 1032 page
background image
11
A/D CONVERTER
11-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 11.1.6 Scan Mode Start after Single Mode Execution
A/D conversion interrupt or DMA transfer request
ADiIN0
ADiDT0
10-bit A/Di Data Register
Instructed to start
scan mode conversion
ADiIN1
ADiDT1
ADiDT5
<To start n-channel single-shot scan mode subsequently after single mode conversion on channel ADiIN5>
Completed
ADiINn-1
ADiINn
ADiDTn-1
ADiDTn
ADiIN5
Single mode
conversion starts
i=0
n=0–15
(2) Scan mode start after single mode execution
In this special operation mode, scan operation is started subsequently after executing single mode
conversion (A/D conversion or comparate).
To start this mode in software, choose a software trigger using the A/D Scan Mode Register 0 A/D
conversion start trigger select bit. Then set the said register’s A/D conversion start bit to "1" during
single mode conversion operation.
To start this mode in hardware, choose a hardware trigger using the A/D Scan Mode Register 0 A/D
conversion start trigger select bit. Then enter the hardware trigger selected with the said register
during single mode conversion operation.
If a hardware trigger is selected using the A/D conversion start trigger select bit in both A/D Single
Mode Register 0 and A/D Scan Mode Register 0 and the selected hardware triggers are entered, the
A/D Converter first performs single mode conversion and then scan mode conversion in succession.
An A/D conversion interrupt or DMA transfer request can be generated when single mode conversion
on a specified channel or one cycle of scan operation is completed.
11.1 Outline of A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com