Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 507Page - Renesas Technology Corp 32186 Datasheet HTML 508Page - Renesas Technology Corp 32186 Datasheet HTML 509Page - Renesas Technology Corp 32186 Datasheet HTML 510Page - Renesas Technology Corp 32186 Datasheet HTML 511Page - Renesas Technology Corp 32186 Datasheet HTML 512Page - Renesas Technology Corp 32186 Datasheet HTML 513Page - Renesas Technology Corp 32186 Datasheet HTML 514Page - Renesas Technology Corp 32186 Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1032 page
background image
11
A/D CONVERTER
11-13
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.1 Outline of A/D Converter
11.1.6 Simultaneous Sampling Function
When the sample-and-hold function is effective, 2-channel Simultaneous Sampling function can be used.
2 channels are sampled at the same time, and 2-channel continuous A/D conversion is carried out for
the sampled voltage.
Figure 11.1.10 Single Mode when Simultaneous Sampling is Effective
Figure 11.1.11 Forcible Single Mode Execution during Scanning when Simultaneous Sampling is Effective
Completed
Conversion starts
A/D conversion interrupt or DMA transfer request
i=0
<When Channel 0 (A/D0 single mode register 1 setting) and Channel 15
(A/D0 single mode register 2 setting) were sampled simultaneously>
ADiIN0
ADiIN15
ADiIN15
(Only sampling)
A/D conversion interrupt or DMA transfer request
i=0
ADiIN0
Scan conversion starts
ADiIN1
<When Channel 0 (A/D0 single mode register 1 setting) and Channel 15
(A/D0 single mode register 2 setting) were sampled simultaneously>
ADiIN2
ADiIN3
Single mode
execution request
ADiIN2
ADiIN0
ADiIN15
ADiIN15
(Only sampling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com