Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 511Page - Renesas Technology Corp 32186 Datasheet HTML 512Page - Renesas Technology Corp 32186 Datasheet HTML 513Page - Renesas Technology Corp 32186 Datasheet HTML 514Page - Renesas Technology Corp 32186 Datasheet HTML 515Page - Renesas Technology Corp 32186 Datasheet HTML 516Page - Renesas Technology Corp 32186 Datasheet HTML 517Page - Renesas Technology Corp 32186 Datasheet HTML 518Page - Renesas Technology Corp 32186 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1032 page
background image
11
A/D CONVERTER
11-17
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.2 A/D Converter Related Registers
11.2.1 A/D Single Mode Register 0
A/D0 Single Mode Register 0 (AD0SIM0)
<Address: H’0080 0080>
123456
b7
b0
ADSTRG0
ADSTRG1
ADSSEL
ADSREQ
ADSSTT
ADSSTP
ADSCMP
0
000100
0
<Upon exiting reset: H’04>
b
Bit Name
Function
R
W
0
ADSTRG1 (Note 1)
Bits 0 and 2 are used to select an A/D hardware trigger.R
W
A/D hardware trigger select 1 bit
b0 b2
0
0
: Input event bus 2
0
1
: Input event bus 3
1
0
: Output event bus 3
1
1
: TIN23S signal
1
No function assigned. Fix to "0."
00
2
ADSTRG0 (Note 1)
Bits 0 and 2 are used to select an A/D hardware trigger.
R
W
A/D hardware trigger select 0 bit
(See the column for bit 0.)
3
ADSSEL
0: Software trigger
R
W
A/D conversion start trigger select bit
1: Hardware trigger (Note 2)
4
ADSREQ
0: A/D conversion interrupt request
R
W
A/D Interrupt/DMA transfer request select bit
1: DMA transfer request
5
ADSCMP
0: A/D conversion/comparate in progress
R
–
A/D conversion/comparate completed bit
1: A/D conversion/comparate completed
6
ADSSTP
0: No operation
0
W
A/D conversion stop bit
1: Stop A/D conversion
7
ADSSTT
0: No operation
0
W
A/D conversion start bit
1: Start A/D conversion
Note 1: Two bits, bit 0 (A/D hardware trigger select 1) and bit 2 (A/D hardware trigger select 0), are used to select an A/D
hardware trigger.
Note 2: During comparator mode, hardware triggers, if any selected, are ignored and operation is started by a software trigger.
A/D Single Mode Register 0 is used to control operation of the A/D Converter during single mode (including
special mode, “Forcible single mode execution during scan mode”).
(1) ADSTRG (A/D Hardware Trigger Select) bits (Bits 0, 2)
These bits select a hardware trigger when A/D conversion by the A/D Converter is to be started in
hardware. Select one from the following hardware trigger sources:
A/D0 Converter: Input event bus 2
Input event bus 3
Output event bus 3
TIN23 edge select output
The contents of these bits are ignored if a software trigger is selected by ADSSEL (A/D conversion
start trigger select bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com