Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 515Page - Renesas Technology Corp 32186 Datasheet HTML 516Page - Renesas Technology Corp 32186 Datasheet HTML 517Page - Renesas Technology Corp 32186 Datasheet HTML 518Page - Renesas Technology Corp 32186 Datasheet HTML 519Page - Renesas Technology Corp 32186 Datasheet HTML 520Page - Renesas Technology Corp 32186 Datasheet HTML 521Page - Renesas Technology Corp 32186 Datasheet HTML 522Page - Renesas Technology Corp 32186 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1032 page
background image
11
A/D CONVERTER
11-21
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.2 A/D Converter Related Registers
11.2.3 A/D Single Mode Register 2
A/D0 Single Mode Register 2 (AD0SIM2)
<Address: H’0080 0083>
9
10
11
12
13
14
b15
b8
ADSH2
AD0SEL2
00
0000
ADSH2ST
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
ADSH2
0: Simultaneous sampling invalid
R
W
A/D simultaneous sampling select bit (Note 1)
1: Simultaneous sampling valid
9
ADSH2ST
0: 2nd simultaneous sampling conversion not in progress
R
–
A/D simultaneous sampling status bit (Note 2)
1: 2nd simultaneous sampling conversion in progress
10, 11
No function assigned. Fix to "0."
R–
12–15
ADSEL2
0000 : No channels selected
R
W
A/D simultaneous sampling analog input pin
:
select bit (Note 3)
:
0011 : No channels selected
1100 : Select AD0IN12
1101 : Select ADi0N13
1110 : Select ADi0N14
1111 : Select ADi0N15
Note 1: The A/D conversion mode/sample-and-hold function must be effective with single mode register 1. When the comparator
mode/sample-and-hold function is invalid, set the AD0SH2 to "0" (Simultaneous sampling invalid).
Note 2: The second conversion speed is the same as the first conversion speed.
Note 3: When simultaneous sampling valid is selected, select between B'1100 and B'1111. Furthermore, when simultaneous
sampling invalid is selected, select between B'0000 and B'1011.
The A/D single mode register 2 is provided to select simultaneous sampling valid or invalid in the single
mode of A/D converter and analog input pin sampled at the same time.
(1) ADSH2 (A/D Simultaneous Sampling Select) bit (Bit 8)
This bit selects whether simultaneous sampling is valid or invalid” when the A/D converter is in
single mode. By clearing this bit to “0,” simultaneous sampling becomes invalid and by setting it to
“1,” simultaneous sampling becomes valid.
(2) ADSH2ST (A/D Simultaneous Sampling Status) bit (Bit 9)
This bit indicates that the number of times the A/D conversion is executed when simultaneous sam-
pling is effective. The bit is set to "1" only when second conversion is in progress.
(3) ADSEL2 (A/D Simultaneous Sampling Analog Input Pin Select) bit (Bits 12–15)
These bits select a channel sampled at the same time when simultaneous sampling is effective.
When simultaneous sampling valid is selected, select between B'1100 and B'1111. Furthermore,
when simultaneous sampling invalid is selected, select between B'0000 and B'1011 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com