Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 518Page - Renesas Technology Corp 32186 Datasheet HTML 519Page - Renesas Technology Corp 32186 Datasheet HTML 520Page - Renesas Technology Corp 32186 Datasheet HTML 521Page - Renesas Technology Corp 32186 Datasheet HTML 522Page - Renesas Technology Corp 32186 Datasheet HTML 523Page - Renesas Technology Corp 32186 Datasheet HTML 524Page - Renesas Technology Corp 32186 Datasheet HTML 525Page - Renesas Technology Corp 32186 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1032 page
background image
11
A/D CONVERTER
11-24
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
b8
9
10
11121314
b15
ADCSPD
ADCSHSL ADCSHSPD
ANSCAN
000
0000
0
11.2 A/D Converter Related Registers
11.2.5 A/D Scan Mode Register 1
A/D0 Scan Mode Register 1 (AD0SCM1)
<Address: H’0080 0085>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
No function assigned. Fix to "0."
00
9
ADCSPD (Note 1)
0: Normal speed
R
W
A/D conversion speed select bit
1: Double speed
10
ADCSHSL
0: Disable sample-and-hold
R
W
A/D conversion method select bit
1: Enable sample-and-hold
11
ADCSHSPD (Note 2)
0: Normal sample-and-hold
R
W
A/D sample-and-hold conversion speed select bit
1: Fast sample-and-hold
12–15
ANSCAN
<For write>
R
W
A/D scan loop select bit
‘B0000–1111 (channels 0–15)
<For read during conversion>
(i = 0)
0000: Converting ADiIN0
0001: Converting ADiIN1
0010: Converting ADiIN2
0011: Converting ADiIN3
0100: Converting ADiIN4
0101: Converting ADiIN5
0110: Converting ADiIN6
0111: Converting ADiIN7
1000: Converting ADiIN8
1001: Converting ADiIN9
1010: Converting ADiIN10
1011: Converting ADiIN11
1100: Converting ADiIN12
1101: Converting ADiIN13
1110: Converting ADiIN14
1111: Converting ADiIN15
Note 1: The A/D conversion speed is determined by a combination of ADCSPD, ADCSHSL and ADCSHSPD bits and the A/D
Conversion Speed Control Register ADCVSD2 and ADCVSD bits.
Note 2: Setting of this bit is effective when the sample-and-hold function is enabled by ADCSHSL bit.
A/D Scan Mode Register 1 is used to select operation mode, conversion speed and scan loop when the
A/D Converter is operating in scan mode. The channels selected with the scan loop select bit are scanned
sequentially beginning with channel 0 (n-channel scan).
(1) ADCSPD (A/D Conversion Speed Select) bit (Bit 9)
This bit selects an A/D conversion speed when the A/D Converter is operating in scan mode. Setting
this bit to "0" selects normal speed, and setting this bit to "1" selects double speed.
(2) ADCSHSL (A/D Conversion Method Select) bit (Bit 10)
This bit enables or disables the sample-and-hold function when the A/D Converter is operating in
scan mode. Setting this bit to "0" disables the sample-and-hold function, and setting this bit to "1"
enables the sample-and-hold function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com