Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 524 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 520Page - Renesas Technology Corp 32186 Datasheet HTML 521Page - Renesas Technology Corp 32186 Datasheet HTML 522Page - Renesas Technology Corp 32186 Datasheet HTML 523Page - Renesas Technology Corp 32186 Datasheet HTML 524Page - Renesas Technology Corp 32186 Datasheet HTML 525Page - Renesas Technology Corp 32186 Datasheet HTML 526Page - Renesas Technology Corp 32186 Datasheet HTML 527Page - Renesas Technology Corp 32186 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 1032 page
background image
11
A/D CONVERTER
11-26
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.2.6 A/D Conversion Speed Control Register
A/D0 Conversion Speed Control Register (AD0CVSCR)
<Address: H’0080 0087>
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–13
No function assigned. Fix to "0."
00
14
ADCVSD2 (Note 1)
0: 2BCLK mode
R
W
A/D conversion speed control bit 2
1: BCLK mode
15
ADCVSD (Note 1)
0: Slow mode
R
W
A/D conversion speed control bit
1: Fast mode
Note 1: The A/D conversion speed is determined by a combination of AD0CVSD and AD0CVSD2 bits and A/D0 Single Mode
Register 1’s ADSSPD bit during single mode, or a combination of AD0CVSD and AD0CVSD2 bits and A/D Scan Mode
Register 1’s ADCSPD bit during scan mode.
The A/D Conversion Speed Control Register controls the A/D conversion speed during single and scan
modes of the A/D Converter. The A/D conversion speed is determined in combination with the conversion
speed select bits (Double/Normal) in A/D Single Mode Register 1 and A/D Scan Mode Register 1.
b8
9
10
11121314
b15
ADCVSD2
ADCVSD
0000000
0
11.2 A/D Converter Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com