Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 518 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 514Page - Renesas Technology Corp 32186 Datasheet HTML 515Page - Renesas Technology Corp 32186 Datasheet HTML 516Page - Renesas Technology Corp 32186 Datasheet HTML 517Page - Renesas Technology Corp 32186 Datasheet HTML 518Page - Renesas Technology Corp 32186 Datasheet HTML 519Page - Renesas Technology Corp 32186 Datasheet HTML 520Page - Renesas Technology Corp 32186 Datasheet HTML 521Page - Renesas Technology Corp 32186 Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 1032 page
background image
11
A/D CONVERTER
11-20
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(1) ADSMSL (A/D Conversion Mode Select) bit (Bit 8)
This bit selects A/D conversion mode when the A/D Converter is operating in single mode. Setting this
bit to "0" selects A/D conversion mode, and setting this bit to "1" selects comparator mode.
(2) ADSSPD (A/D Conversion Speed Select) bit (Bit 9)
This bit selects the A/D conversion speed when the A/D Converter is operating in single mode. Setting
this bit to "0" selects normal speed, and setting this bit to "1" selects double speed.
(3) ADSSHSL (A/D Conversion Method Select) bit (Bit 10)
This bit enables or disables the sample-and-hold function when the A/D Converter is operating in
single mode. Setting this bit to "0" disables the sample-and-hold function, and setting this bit to "1"
enables the sample-and-hold function.
Setting of this bit has no effect if comparator mode is selected with the ADSMSL (A/D conversion
mode select) bit.
(4) ADSSHSPD (A/D Sample-and-Hold Speed Select) bit (Bit 11)
When the A/D Converter’s sample-and-hold function is enabled, this bit selects a conversion speed.
When this bit is "0," the conversion speed is the same as normal A/D conversion speed. When this bit
is "1," conversion is performed at a speed faster than normal A/D conversion speed.
Setting of this bit has no effect if the sample-and-hold function is disabled by setting the ADSSHSL
(A/D conversion method select) bit to "0."
For details about the conversion time, see Section 11.3.4, “Calculating the A/D Conversion Time.”
(5) ANSEL (A/D Analog Input Pin Select) bits (Bits 12–15)
These bits select the analog input pins when the A/D Converter is operating in single mode. A/D
conversion or comparate operation is performed on the channels selected with these bits. If these bits
are accessed for read, the value written to them is read out.
11.2 A/D Converter Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com