Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 501Page - Renesas Technology Corp 32186 Datasheet HTML 502Page - Renesas Technology Corp 32186 Datasheet HTML 503Page - Renesas Technology Corp 32186 Datasheet HTML 504Page - Renesas Technology Corp 32186 Datasheet HTML 505Page - Renesas Technology Corp 32186 Datasheet HTML 506Page - Renesas Technology Corp 32186 Datasheet HTML 507Page - Renesas Technology Corp 32186 Datasheet HTML 508Page - Renesas Technology Corp 32186 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 1032 page
background image
11
A/D CONVERTER
11-7
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
A/D conversion interrupt or DMA transfer request
ADiIN0
Completed here when operating
in single-shot scan mode
ADiDT0
10-bit A/Di Data Register
Conversion
starts
(Note 1)
ADiIN1
ADiINn-1
ADiINn
ADiDT1
ADiDTn-1
ADiDTn
During continuous scan mode
<n-channel scan>
i= 0
n=0–15
Note 1: A/D0 conversion start: Software trigger
→ Started by setting the A/D0 conversion start bit to "1"
Hardware trigger
→ Started by input event bus 3, input event bus 2,
output event bus 3 or TIN23S signal input
Figure 11.1.4 Operation of A/D Conversion in Scan Mode
11.1 Outline of A/D Converter
Figure 11.1.3 Operation in Single Mode (Comparate)
(2) Scan Mode
In scan mode, the analog input voltages from channel 0 to the channel selected by the A/D Scan
Mode Register 1 scan loop select bit (channels 0–15) are sequentially A/D converted.
There are two types of scan mode: “Single-shot scan mode” in which A/D conversion is completed
after performing one cycle of scan operation, and “Continuous scan mode” in which scan operation is
continued until halted by setting the A/D scan mode register 0’s A/D conversion stop bit to "1."
These types of scan mode are selected using A/D Scan Mode Register 0. The channels to be
scanned are selected using A/D Scan Mode Register 1. The selected channels are scanned sequen-
tially beginning with channel 0.
An A/D conversion interrupt or DMA transfer request can be generated when one cycle of scan opera-
tion is completed.
A/D conversion interrupt
or DMA transfer request
Note 1: Comparate operation is started by writing a comparison value to the Successive
Approximation Register (ADiSAR)
ADiINn
Completed
ADiCMP
A/Di Comparate
Data Register
Conversion
starts
(Note 1)
ADiSAR
A/D Successive Approximation Register
Comparate result
ADiCMP=0 (ANn > ADiSAR)
ADiCMP=1 (ANn < ADiSAR)
i=0
n=0–15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com