Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 499Page - Renesas Technology Corp 32186 Datasheet HTML 500Page - Renesas Technology Corp 32186 Datasheet HTML 501Page - Renesas Technology Corp 32186 Datasheet HTML 502Page - Renesas Technology Corp 32186 Datasheet HTML 503Page - Renesas Technology Corp 32186 Datasheet HTML 504Page - Renesas Technology Corp 32186 Datasheet HTML 505Page - Renesas Technology Corp 32186 Datasheet HTML 506Page - Renesas Technology Corp 32186 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 1032 page
background image
11
A/D CONVERTER
11-5
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.1 Outline of A/D Converter
Figure 11.1.1 Block Diagram of the A/D Converter
AD0IN0
AD0IN1
AD0IN2
AD0IN3
AD0IN4
AD0IN5
AD0IN6
AD0IN7
Selector
Interrupt request
AVSS0
VREF0
10-bit A/D Successive
Approximation Register
(AD0SAR)
10-bit A/D0 Data Register 0
10-bit A/D0 Data Register 1
A/D0 Single Mode Register
A/D0 Comparate
Data Register
A/D Control
Circuit
• Mode selection
• Channel
selection
• Conversion
time selection
• Flag control
• Interrupt control
10-bit D/A Converter
Comparator
AD0IN8
AD0IN9
AD0N10
AD0IN11
AD0IN12
AD0IN13
AD0IN14
AD0IN15
AD0CMP
AD0DT0
AD0DT1
AD0DT2
AD0DT3
AD0DT4
AD0DT5
AD0DT6
AD0DT7
AD0DT8
AD0DT9
AD0DT10
AD0DT11
AD0DT12
AD0DT13
AD0DT14
AD0DT15
DMA transfer request
Successive Approximation-type
A/D Converter Unit
Internal data bus
A/D0 Scan Mode Register
AD0SCM0,1
AD0SIM0,1,2
AVCC0
10-bit readout
8-bit readout
Shifter
10-bit A/D0 Data Register 2
10-bit A/D0 Data Register 3
10-bit A/D0 Data Register 4
10-bit A/D0 Data Register 5
10-bit A/D0 Data Register 6
10-bit A/D0 Data Register 7
10-bit A/D0 Data Register 8
10-bit A/D0 Data Register 9
10-bit A/D0 Data Register 10
10-bit A/D0 Data Register 11
10-bit A/D0 Data Register 12
10-bit A/D0 Data Register 13
10-bit A/D0 Data Register 14
10-bit A/D0 Data Register 15
Input event bus 2
Input event bus 3
Output event bus 3
TIN23S
S
S
ADCTRG1
ADSTRG1
DMA0,
DMA common
Sample &
hold control
circuit
S
Comparator
Sample &
hold control
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com