Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 496Page - Renesas Technology Corp 32186 Datasheet HTML 497Page - Renesas Technology Corp 32186 Datasheet HTML 498Page - Renesas Technology Corp 32186 Datasheet HTML 499Page - Renesas Technology Corp 32186 Datasheet HTML 500Page - Renesas Technology Corp 32186 Datasheet HTML 501Page - Renesas Technology Corp 32186 Datasheet HTML 502Page - Renesas Technology Corp 32186 Datasheet HTML 503Page - Renesas Technology Corp 32186 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 1032 page
background image
11
A/D CONVERTER
11-2
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.1 Outline of A/D Converter
The 32185/32186 contains 10-bit resolution A/D Converter of the successive approximation type. The A/D
converter has 16 analog input pins (channels) AD0IN0–AD0IN15. In addition to performing conversion
individually on each channel, the A/D Converter can perform conversion successively on all of N channels
(N = 1–16) as a single group. The conversion result can be read out in either 10 or 8 bits.
There are following conversion and operation modes for the A/D conversion:
(1) Conversion Modes
• A/D conversion mode
: Ordinary mode in which analog input voltages are converted into digital quantities.
• Comparator mode (Note 1): A mode in which analog input voltage is compared with a preset comparison
voltage to find only the relative magnitude of two quantities. (Useful in only
single operation mode)
(2) Operation Modes
• Single mode
: Analog input voltage on one channel is A/D converted once or
comparated (Note 1) with a given quantity.
• Scan mode
: Analog input voltages on two or more selected channels (in N channel
units, N = 1–16) are sequentially A/D converted.
Single-shot scan mode
: Scan operation is performed for one cycle.
Continuous scan mode
: Scan operation is repeated until stopped.
(3) Special Operation Modes
• Forcible single mode execution during scan mode
: Conversion is forcibly executed in single mode (com
parator mode) during scan operation.
• Scan mode start after single mode execution : Scan operation is started subsequently after executing
conversion in single mode.
• Conversion restart
: A/D conversion being executed in single or scan mode
is restarted.
(4) Sample-and-Hold Function
The analog input voltage is sampled when starting A/D conversion, and A/D conversion is performed on
the sampled voltage. This function can be enabled or disabled as necessary.
(5) Simultaneous Sampling Function
Optional two channels are sampled at the same time, and 2-channel continuous A/D conversion is carried
out for the sampled voltage.
(6) A/D Disconnection Detection Assist Function
To suppress influences of the analog input voltage leakage from any preceding channel during scan mode
operation, a function is incorporated that helps to fix the electric charge on the chopper amp capacitor to
the given state (AVCC0 or GND) before starting A/D conversion. This function provides a sure and reliable
means of detecting a disconnection in the wiring patterns connecting to the analog input pins.
11.1 Outline of A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com