Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 497 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 497 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 493Page - Renesas Technology Corp 32186 Datasheet HTML 494Page - Renesas Technology Corp 32186 Datasheet HTML 495Page - Renesas Technology Corp 32186 Datasheet HTML 496Page - Renesas Technology Corp 32186 Datasheet HTML 497Page - Renesas Technology Corp 32186 Datasheet HTML 498Page - Renesas Technology Corp 32186 Datasheet HTML 499Page - Renesas Technology Corp 32186 Datasheet HTML 500Page - Renesas Technology Corp 32186 Datasheet HTML 501Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-201
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.8.23 Schematic Operation for the Case Where the Output is Fixed Forcibly in Software
H'FFFF
H'0000
Undefined
value
H'FFFF
H'0000
H'0010
Count clock
Enable bit
Counter
Enable bit
Reload register
Counter
Shorting-prevention period
Shorting-prevention period
TOUn_0 (2, 4) F/F output
TOUn_1 (3, 5) F/F output
TOUn_0 (2, 4)
TOUn_1 (3, 5)
Enabled
(By writing to the enble bit
or by external input)
H'(0010-1)
(Note 3)
H'(0010-1)
(Note 3)
Count down from the
reload register set value
H'0010
H'0010
Count down from the
reload register set value
Undefined
(1) Count stop
(TOUn_0 (2, 4),
TOUn_1 (3, 5))
(2) Writing F/F data/
shorting-prevention
F/F data
(3) Count enable
(TOUn_1 (3, 5))
F/F data
value output
Shorting-
prevention
F/F data value
output
Note 1: The value that "reload0 register - 1" is reloaded.
Note 2: The value that "reload1 register - 1" is reloaded.
Note 3: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
(Note 1)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com