Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 489Page - Renesas Technology Corp 32186 Datasheet HTML 490Page - Renesas Technology Corp 32186 Datasheet HTML 491Page - Renesas Technology Corp 32186 Datasheet HTML 492Page - Renesas Technology Corp 32186 Datasheet HTML 493Page - Renesas Technology Corp 32186 Datasheet HTML 494Page - Renesas Technology Corp 32186 Datasheet HTML 495Page - Renesas Technology Corp 32186 Datasheet HTML 496Page - Renesas Technology Corp 32186 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-197
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(3) Using the pin level on ports P87(P00)/TO21–P82(P05)/TO26 or P110(P10)/TO29–P115(P15)/TO34 to
disable PWM outputs
The pin level ("H" or "L") on ports P87(P00)/TO21–P82(P05)/TO26 may be used to disable outputs from the
ports P87(P00)/TO21–P82(P05)/TO26 that are provided for the PWM outputs of the timer TOU0_0–
TOU0_5. Similarly, the pin level ("H" or "L") on ports P110(P10)/TO29–P115(P15)/TO34 may be used to
disable outputs from the ports P110(P10)/TO29–P115(P15)/TO34 that are provided for the PWM outputs of
the timer TOU1_0–TOU1_5 .
After detecting PWM output disable level from port P87(P00)/TO21–P82(P05)/TO26, P110(P10)/TO29–
P115(P15)/TO34, PWM output is disabled. During PWM Output Disable, POnDISGmbit of PWM output n
disable control Gm register is set as "1."
Restoring output enable status is done by exiting outputting PWM output disable level from port P87(P00)/
TO21–P82(P05)/TO26, P110(P10)/TO29–P115(P15)/TO34 and then by '0' clearing POnDISGmbit of PWM
output n disable Gm register (POnDISGmCR ).
Note: • If POnDISGmbit in PWM output n disable control Gm register is written during PWM Out-
put Disable level outputting from port P87(P00)/TO21–P82(P05)/TO26, P110(P10)/
TO29–P115(P15)/TO34, that operation of writing has no effect.
To disable PWM outputs using the pin level of ports, set up the PWM Output Disable Level Control Register
(POnLVGACR, POnLVGBCR) and PWMOFF Function Enable Register (PWMOFFnEN) as described below.
When using the P87(P00)/TO21–P82(P05)/TO26 port level to disable PWM outputs
1. Using the PO0LVGACR(PO0LVGBCR) register PO0LVSELGA(PO0LVSELGB) bit, select the "H" or "L"
level at which PWM output is to be disabled.
2. Set the PO0LVENGA(PO0LVENGB) bit to "1" (the selected output disable level effective).
3. Enable the PWMOFF0 function by writing "1" to either or both of the PWMOFF0GAEN and
PWMOFF0GBEN bits of the PWMOFF0EN.
When using the P110(P10)/TO29–P115(P15)/TO34 port level to disable PWM outputs
1. Using the PO1LVGACR(PO1LVGBCR) register PO1LVSELGA(PO1LVSELGB) bit, select the "H" or
"L" level at which PWM output is to be disabled.
2. Set the PO1LVENGA(PO1LVENGB) bit to "1" (the selected output disable level effective).
3. Enable the PWMOFF1 function by writing "1" to either or both of the PWMOFF1GAEN and
PWMOFF1GBEN bits of the PWMOFF1EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com