Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 488Page - Renesas Technology Corp 32186 Datasheet HTML 489Page - Renesas Technology Corp 32186 Datasheet HTML 490Page - Renesas Technology Corp 32186 Datasheet HTML 491Page - Renesas Technology Corp 32186 Datasheet HTML 492Page - Renesas Technology Corp 32186 Datasheet HTML 493Page - Renesas Technology Corp 32186 Datasheet HTML 494Page - Renesas Technology Corp 32186 Datasheet HTML 495Page - Renesas Technology Corp 32186 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-196
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Note: • If theare are CPU, DMA, SDI, Writing cycle from NBD to any other area between 1 and 2,
the continuous setting ( A pair of two consecutive is 1 set for writing operation) is disabled
and the writing value is not reflected. Therefore, disable interrupts and DMA transfers
before setting. However the writing cycle from RTD and DRI are not effected.
(2) Using the PWM Output Disable Control Registers to disable PWM outputs
The PWM Output 0 Disable Control Gm Register (PO0DISGACR, PO0DISGBCR) may be used to disable
outputs from the ports P87(P00)/TO21–P82(P05)/TO26 that are provided for the PWM outputs of the timer
TOU0_0–TOU0_5. Similarly, the PWM Output 1 Disable Control Gm Register (PO1DISGACR,
PO1DISGBCR) may be used to disable outputs from the ports P110(P10)/TO29–P115(P15)/TO34 that are
provided for the PWM outputs of the timer TOU1_0–TOU1_5.
To disable PWM Output by the PWM Output Disable Control Gm Register (POnDISGACR, POnDISCBCR)
set as described below.
When using the PWM Output 0 Disable Control Register (PO0DISGACR, PO0DISGBCR) to disable
PWM outputs
1. Set the PO0DISGACR(PO0DISGBCR) register PO0DISGAP(PO0DISGBP) bit to “1.”
2. After 1 above, set the PO0DISGAP(PO0DISGBP) bit to “0” and then the PO0DISGA(PO0DISGB) bit
to “1” (output disabled).
Note: • If there are writing cycles to other areas between 1 and 2, setting to PO0DISGA
(PO0DISGB) bit is invalid.
When using the PWM Output 1 Disable Control Register (PO1DISGACR, PO1DISGBCR) to disable
PWM outputs
1. Set the PO1DISGACR(PO1DISGBCR) register PO1DISGAP(PO1DISGBP) bit to “1.”
2. After 1 above, set the PO1DISGAP(PO1DISGBP) bit to “0” and then the PO1DISGA(PO1DISGB) bit
to “1” (output disabled).
Note: • If there are writing cycles to other areas between 1 and 2, setting to PO0DISGA
(PO0DISGB) bit is invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com