Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 494 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 494 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 490Page - Renesas Technology Corp 32186 Datasheet HTML 491Page - Renesas Technology Corp 32186 Datasheet HTML 492Page - Renesas Technology Corp 32186 Datasheet HTML 493Page - Renesas Technology Corp 32186 Datasheet HTML 494Page - Renesas Technology Corp 32186 Datasheet HTML 495Page - Renesas Technology Corp 32186 Datasheet HTML 496Page - Renesas Technology Corp 32186 Datasheet HTML 497Page - Renesas Technology Corp 32186 Datasheet HTML 498Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-198
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.8.21 Shorting Prevention Function
Before setting the shorting-prevention function enable/disable bit, be sure to stop the TOUn_0 through TOUn_
5 counters. (Setting this bit while the timer is enabled for counting is prohibited.)
When the shorting-prevention function is enabled, make sure each timer is run in either of the following opera-
tion modes. (Using timers in any other modes is prohibited.)
TOUn_0 (2, 4)Single-shot PWM mode
TOUn_1 (3, 5)Single-shot output mode
When the shorting-prevention function is enabled, the TOUn enable source select bits of TOUn_1 (3, 5) have
no effect, so that these timers are invoked by an underflow of TOUn_0 (2, 4).
Use the TOUn_1 (3, 5) reload register to set the shorting-prevention time. At this time, note that the shorting-
prevention time actually is the set value of the reload register + 3. The set value of the reload register must
satisfy the condition given below.
Set value of the TOUn_1 (3, 5) reload register
≤≤≤≤≤ set value of the TOUn_0 (2, 4) reload 1 register – 4
Before the shorting-prevention function can be enabled, designated values must be set in the F/F data register
and the F/F data register for the shorting-prevention function.
• To output "H" level signal first
Set a "1" in the F/F data register and a "0" in the F/F data register for the shorting-prevention function.
• To output "L" level signal first
Set a "0" in the F/F data register and a "1" in the F/F data register for the shorting-prevention function.
If the same value is set in the F/F data register and the F/F data register for the shorting-prevention function, a
fixed-level signal is output.
When the shorting-prevention function is enabled, writing H’FFFF to the TOUn_0 (2, 4) reload register 0 or the
TOUn_0 (2, 4) reload register 1 is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com