Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 492Page - Renesas Technology Corp 32186 Datasheet HTML 493Page - Renesas Technology Corp 32186 Datasheet HTML 494Page - Renesas Technology Corp 32186 Datasheet HTML 495Page - Renesas Technology Corp 32186 Datasheet HTML 496Page - Renesas Technology Corp 32186 Datasheet HTML 497Page - Renesas Technology Corp 32186 Datasheet HTML 498Page - Renesas Technology Corp 32186 Datasheet HTML 499Page - Renesas Technology Corp 32186 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1032 page
background image
10.8 TOU (Output-Related 24-Bit Timer)
MULTIJUNCTION TIMERS
10
10-200
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
To enable the shorting-prevention function when it is necessary to forcibly fix output in software, follow the
procedure described below.
(1) Write "0" to the TOUn_0/1 (2/3, 4/5) count enable bit.
(2) Set a “value to prevent shorting” in the F/F data register and a “value to be fixed” in the F/F data register
for the shorting-prevention function.
(3) Write "1" to the TOUn_1 (3, 5) count enable bit.
In this case, the shorting-prevention time is as follows:
Time before TOUn_1 (3, 5) count is enabled after writing F/F data + TOUn_1 (3, 5) reload register set value + 1
To stop counters in software, make sure TOUn_0/1 (2/3, 4/5) are made to stop counting at the same time.
Stopping counters individually is prohibited.
Before writing "1" to the TOUn_1 (3, 5) count enable bit, make sure TOUn_0 (2, 4) and TOUn_1 (3, 5) both
have stopped counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com