| Electronic Components Datasheet Search |
|
32186 Datasheet(PDF) 489 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 Datasheet(HTML) 489 Page - Renesas Technology Corp |
|
489 / 1032 page ![]() 10.8 TOU (Output-Related 24-Bit Timer) MULTIJUNCTION TIMERS 10 10-193 32185/32186 Group Hardware Manual Rev.1.10 REJ09B0235-0110 May 15, 07 10.8.20 PWM Output Disable Function The microcomputer has the function to forcibly disable outputs from the P87(P00)/TO21–P82(P05)/TO26 and P110(P10)/TO29–P115(P15)/TO34 that respectively are the output pins for the TOU0_0–TOU0_5 and TOU1_0– TOU1_5 timers. This function may be used as a protective function when a fault condition such as short-circuiting is detected during three-phase PWM control. This function can be used for all of output modes or port outputs of TOU. However, use for other modes (external bus, SIO mode, DRI mode and TOP output modes (TO0-TO5) port inputs) is prohibited. Figure 10.8.19 shows the circuit configurations of the PWM output disable function. F/F F/F F/F F/F F/F TIN16S PWMOFF0S RD b7 IRQ10 TMS1(Cap3) SET b7 WR Address b6 PO0DISGACR(WR) PO0LVSELGA PO0LVENGA F/F F/F F/F F/F F/F RD b7 IRQ10 TMS1(Cap2) SET b7 WR Address b6 PO1DISGACR(WR) PO1LVSELGA PO1LVENGA PO1DISGA PO0DISGA P130/TIN16/PWMOFF0 TIN17S PWMOFF1S F/F PWMOFF1GAEN F/F PWMOFF0GAEN Level detection Edge detection Level detection Edge detection P131/TIN17/PWMOFF1 P87/TO21 P86/TO22 P85/TO23 P84/TO24 P83/TO25 P82/TO26 P175/TO27 P174/TO28 P87/TO21(internal) P86/TO22(internal) P85/TO23(internal) P84/TO24(internal) P83/TO25(internal) P82/TO26(internal) P175/TO27(internal) P174/TO28(internal) P87/TO21(internal) P86/TO22(internal) P85/TO23(internal) P84/TO24(internal) P83/TO25(internal) P82/TO26(internal) P110/TO29(internal) P111/TO30(internal) P112/TO31(internal) P113/TO32(internal) P114/TO33(internal) P115/TO34(internal) P110/TO29 P111/TO30 P112/TO31 P113/TO32 P114/TO33 P115/TO34 P116/TO35 P117/TO36 P110/TO29(internal) P111/TO30(internal) P112/TO31(internal) P113/TO32(internal) P114/TO33(internal) P115/TO34(internal) P116/TO35(internal) P117/TO36(internal) Figure 10.8.20 Circuit Configurations of the PWM Output Disable Function (Pin Group A) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |