Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 502 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 498Page - Renesas Technology Corp 32186 Datasheet HTML 499Page - Renesas Technology Corp 32186 Datasheet HTML 500Page - Renesas Technology Corp 32186 Datasheet HTML 501Page - Renesas Technology Corp 32186 Datasheet HTML 502Page - Renesas Technology Corp 32186 Datasheet HTML 503Page - Renesas Technology Corp 32186 Datasheet HTML 504Page - Renesas Technology Corp 32186 Datasheet HTML 505Page - Renesas Technology Corp 32186 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 1032 page
background image
11
A/D CONVERTER
11-4
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
11.1 Outline of A/D Converter
Table 11.1.1 Outline of the A/D Converter (2/2)
Item
Description
Conversion mode
A/D Conversion, comparator mode
Operation mode
Single mode, Scan one shot mode, Scan continuous mode
Conversion start trigger
Software start
Started by setting the A/D conversion start bit to "1"
Hardware start
A/D0 Converter MJT (input event bus 2), MJT (input event bus 3),
MJT (output event bus 3) and MJT (TIN23)
Conversion
During single mode
Slow mode
Normal speed
299 x BCLK
14.95µs
speed
(When sample-and-hold disabled/
Double speed
173 x BCLK
8.65µs
(Note 1)
When normal sample-and-hold enabled)
Fast mode
Normal speed
131 x BCLK
6.55µs
(Note 2)
Double speed
89 x BCLK
4.45µs
(Note 3)
During single mode
Slow mode
Normal speed
191 x BCLK
9.55µs
(When fast sample-and-hold enabled)
Double speed
101 x BCLK
5.05µs
Fast mode
Normal speed
95 x BCLK
4.75µs
Double speed
53 x BCLK
2.65µs
During comparator mode
Slow mode
Normal speed
47 x BCLK
2.35µs
Double speed
29 x BCLK
1.45µs
Fast mode
Normal speed
23 x BCLK
1.15µs
Double speed
17 x BCLK
0.85µs
Sample-and-hold function
Sample-and-hold function can be enabled or disabled as necessary.
Simultaneous
When Sample-and-hold function is effective, 2 channel simultaneous sampling function can be
sampling function
selected.
A/D disconnection
Influences of the analog input voltage leakage from any preceding channel during scan detection
assist function
mode operation are suppressed.
Interrupt request
Generated when A/D conversion (single mode operation, single-shot scan operation or one cycle of
generation function
continuous operation) or comparate operation is completed.
DMA transfer request
Generated when A/D conversion (single mode operation, single-shot scan operation or one cycle of
generation function
continuous operation) or comparate operation is completed.
Note 1: Condition for standard value : f(XIN)=10MHz, AVCCE=VCCER=VCCBUS=VDDE=AVCC0=5.12V, Ta=-40°C to
+125°C, BCLK mode.
Note 2: The conversion accuracy stipulated here refers to that of the microcomputer alone, with influences of the power
supply wiring and noise on the board not taken into account.
Note 3: Conversion time during 2BCLK mode is refer to Table 11.3.6 A/D Conversion Time (Total Time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com