Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 686 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 686 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 682Page - Renesas Technology Corp 32186 Datasheet HTML 683Page - Renesas Technology Corp 32186 Datasheet HTML 684Page - Renesas Technology Corp 32186 Datasheet HTML 685Page - Renesas Technology Corp 32186 Datasheet HTML 686Page - Renesas Technology Corp 32186 Datasheet HTML 687Page - Renesas Technology Corp 32186 Datasheet HTML 688Page - Renesas Technology Corp 32186 Datasheet HTML 689Page - Renesas Technology Corp 32186 Datasheet HTML 690Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 686 / 1032 page
background image
13
CAN MODULE
13-76
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CAN0 Global Mask Register A Extended ID0 (C0GMSKAE0)
<Address: H’0080 1022>
CAN0 Global Mask Register B Extended ID0 (C0GMSKBE0)
<Address: H’0080 102A>
CAN0 Local Mask Register A Extended ID0 (C0LMSKAE0)
<Address: H’0080 1032>
CAN0 Local Mask Register B Extended ID0 (C0LMSKBE0)
<Address: H’0080 103A>
CAN1 Global Mask Register A Extended ID0 (C1GMSKAE0)
<Address: H’0080 1422>
CAN1 Global Mask Register B Extended ID0 (C1GMSKBE0)
<Address: H’0080 142A>
CAN1 Local Mask Register A Extended ID0 (C1LMSKAE0)
<Address: H’0080 1432>
CAN1 Local Mask Register B Extended ID0 (C1LMSKBE0)
<Address: H’0080 143A>
123456
b7
b0
EID1M
EID0M
EID2M
EID3M
0000
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–3
No function assigned. Fix to "0."
00
4–7
EID0M–EID3M
0: ID not checked
R
W
(Extended mask ID0–extended mask ID3)
1: ID checked
CAN0 Global Mask Register A Extended ID1 (C0GMSKAE1)
<Address: H’0080 1023>
CAN0 Global Mask Register B Extended ID1 (C0GMSKBE1)
<Address: H’0080 102B>
CAN0 Local Mask Register A Extended ID1 (C0LMSKAE1)
<Address: H’0080 1033>
CAN0 Local Mask Register B Extended ID1 (C0LMSKBE1)
<Address: H’0080 103B>
CAN1 Global Mask Register A Extended ID1 (C1GMSKAE1)
<Address: H’0080 1423>
CAN1 Global Mask Register B Extended ID1 (C1GMSKBE1)
<Address: H’0080 142B>
CAN1 Local Mask Register A Extended ID1 (C1LMSKAE1)
<Address: H’0080 1433>
CAN1 Local Mask Register B Extended ID1 (C1LMSKBE1)
<Address: H’0080 143B>
9
1011121314
b15
b8
EID6M
EID5M
EID4M
EID7M
EID8M
EID9M EID10M EID11M
00000000
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–15
EID4M–EID11M
0: ID not checked
R
W
(Extended mask ID4–extended mask ID11)
1: ID checked
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com