Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp 32186 Datasheet HTML 681Page - Renesas Technology Corp 32186 Datasheet HTML 682Page - Renesas Technology Corp 32186 Datasheet HTML 683Page - Renesas Technology Corp 32186 Datasheet HTML 684Page - Renesas Technology Corp 32186 Datasheet HTML 685Page - Renesas Technology Corp 32186 Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1032 page
background image
13
CAN MODULE
13-72
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 13.2.25 CANCKS Setting Procedure
If a write cycle to any other area occurs
during this interval, the value that was
set in the CANCKS bits is not reflected.
CANCKSP
"1"
CANCKSP
"0"
CANCKS
Set value
• Example of correct settings
• Cases where settings have no effect
Because a write cycle to other area exists,
the set value is not reflected. (Note 1)
CANCKSP
"1"
Write to other area
(1)
(2)
CANCKSP
"1"
CANCKSP
"1"
Because these two consecutive writes comprise
a pair, the next set value is not reflected.
(Note 1)
Note 1: The writing cycle to the other area is the writing cycle from CPU, DMA, SDI (tool), NBD to any other area.
The writing cycle from RTD and DRI do not effect.
Note:
• Set this register under the status CAN module is reset.
CANCKSP
"0"
CANCKS
Set value
CANCKSP
"0"
CANCKS
Set value
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com