Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 675Page - Renesas Technology Corp 32186 Datasheet HTML 676Page - Renesas Technology Corp 32186 Datasheet HTML 677Page - Renesas Technology Corp 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp 32186 Datasheet HTML 681Page - Renesas Technology Corp 32186 Datasheet HTML 682Page - Renesas Technology Corp 32186 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 1032 page
background image
13
CAN MODULE
13-69
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.11 CAN DMA Transfer Request Select Registers
CAN0 DMA Transfer Request Select Register (CAN0DMARQ)
<Address: H’0080 1019>
CAN1 DMA Transfer Request Select Register (CAN1DMARQ)
<Address: H’0080 1419>
9
10
11
12
13
14
b15
b8
CDMSEL1 CDMSEL0
00
0
0
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8–13
No function assigned. Fix to "0."
00
14
CDMSEL1
0: Slot 1 transmission failed
R
W
CAN DMA1 transfer request source select bit
1: Slot 30 transmission/reception completed
15
CDMSEL0
0: Slot 0 transmission failed
R
W
CAN DMA0 transfer request source select bit
1: Slot 31 transmission/reception completed
CAN0 and 1 can generate DMA transfer requests. This register is used to select the cause or source of that request.
(1) CDMSEL1 (CAN DMA1 Transfer Request Source Select) bit (Bit 14)
CAN0 and CAN1 allow DMA2 & DMA7 and DMA7 & DMA9 to generate DMA transfer requests, respectively.
This bit selects one of the following two as the cause or source of a transfer request.
• Slot 1 transmission failed
If the CDMSEL1 bit is set to "0," a transfer request is generated when transmission in slot 1 has failed
for reasons of arbitration-lost or transmit error.
• Slot 30 transmission/reception completed
If the CDMSEL1 bit is set to "1," a transfer request is generated when transmission/reception in slot 30
is completed.
Notes: • If slot 30 has been set for remote frame transmission, a DMA transfer request is gener
ated when remote frame transmission is completed as well as when data frame recep-
tion is completed.
• If slot 30 has been set for remote frame reception (automatic response), a DMA transfer
request is generated when remote frame reception is completed as well as when data
frame transmission is completed.
(2) CDMSEL0 (CAN DMA0 Transfer Request Source Select) bit (Bit 15)
CAN0 and CAN1 allow DMA0 & DMA6 and DMA5 & DMA8 to generate DMA transfer requests, respectively.
This bit selects one of the following two as the cause or source of a transfer request.
• Slot 0 transmission failed
If the CDMSEL0 bit is set to "0," a transfer request is generated when transmission in slot 0 has failed
for reasons of arbitration-lost or transmit error.
• Slot 31 transmission/reception completed
If the CDMSEL0 bit is set to "1," a transfer request is generated when transmission/reception in slot 31
is completed.
Notes: • If slot 31 has been set for remote frame transmission, a DMA transfer request is gener
ated when remote frame transmission is completed as well as when data frame reception
is completed.
• If slot 31 has been set for remote frame reception (automatic response), a DMA transfer
request is generated when remote frame reception is completed as well as when data
frame transmission is completed.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com