Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 676 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 676 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 672Page - Renesas Technology Corp 32186 Datasheet HTML 673Page - Renesas Technology Corp 32186 Datasheet HTML 674Page - Renesas Technology Corp 32186 Datasheet HTML 675Page - Renesas Technology Corp 32186 Datasheet HTML 676Page - Renesas Technology Corp 32186 Datasheet HTML 677Page - Renesas Technology Corp 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 1032 page
background image
13
CAN MODULE
13-66
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.9 CAN Cause of Error Registers
CAN0 Cause of Error Register (CAN0EF)
<Address: H’0080 1017>
CAN1 Cause of Error Register (CAN1EF)
<Address: H’0080 1417>
9
10
11
12
13
14
b15
b8
BITE1
BITE0
STFE
FORME CRCE
ACKE
00000000
RCVE
TRE
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
8
TRE
0: Error not detected
R (Note 1)
Transmit error detection bit
1: Transmit error detected
9
RCVE
0: Error not detected
R (Note 1)
Receive error detection bit
1: Receive error detected
10
BITE0
0: No bit error is detected
R (Note 1)
"0" sending bit error detection bit
1: Bit error is detected when sending a "0"
11
BITE1
0: No bit error is detected
R (Note 1)
"1" sending bit error detection bit
1: Bit error is detected when sending a "1"
12
STFE
0: Error not detected
R (Note 1)
Stuff error detection bit
1: Stuff error detected
13
FORME
0: Error not detected
R (Note 1)
Form error detection bit
1: Form error detected
14
CRCE
0: Error not detected
R (Note 1)
CRC error detection bit
1: CRC error detected
15
ACKE
0: Error not detected
R (Note 1)
ACK error detection bit
1: ACK error detected
Note 1: Only writing "0" is effective. Writing "1" has no effect; the bit retains the status it had before the write.
This register indicates error information when a communication error occurred.
Each bit in this register is set every time a communication error is detected, and is not cleared unless a program
writes a "0" to the relevant bit.
(1) TRE (Transmit Error Detection) bit (Bit 8)
This bit is set to "1" when a communication error is detected while operating as a transmit node. The bit is
cleared by writing a "0" in software.
(2) RCVE (Receive Error Detection) bit (Bit 9)
This bit is set to "1" when a communication error is detected while operating as a receive node. The bit is
cleared by writing a "0" in software.
(3) BITE0 ("0" Sending Bit Error Detection) bit (Bit 10)
This bit is set to "1" when a bit error is detected while sending a "0" from CTX. The bit is cleared by writing
a "0" in software.
(4) BITE1 ("1" Sending Bit Error Detection) bit (Bit 11)
This bit is set to "1" when a bit error is detected while sending a "1" from CTX. The bit is cleared by writing
a "0" in software.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com