Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 677 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 677 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 673Page - Renesas Technology Corp 32186 Datasheet HTML 674Page - Renesas Technology Corp 32186 Datasheet HTML 675Page - Renesas Technology Corp 32186 Datasheet HTML 676Page - Renesas Technology Corp 32186 Datasheet HTML 677Page - Renesas Technology Corp 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp 32186 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 1032 page
background image
13
CAN MODULE
13-67
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(5) STFE (Stuff Error Detection) bit (Bit 12)
This bit is set to "1" when a stuff error was detected. The bit is cleared by writing a "0" in software.
(6) FORME (Form Error Detection) bit (Bit 13)
This bit is set to "1" when a form error was detected. The bit is cleared by writing a "0" in software.
(7) CRCE (CRC Error Detection) bit (Bit 14)
This bit is set to "1" when a CRC error was detected. The bit is cleared by writing a "0" in software.
(8) ACKE (ACK Error Detection) bit (Bit 15)
This bit is set to "1" when an ACK error was detected. The bit is cleared by writing a "0" in software
Note: • For the BITE0, BITE1, STFE, FORME, CRCE and ACKE bits, two or more bits may be set at
the same time, depending on the error status.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com