Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 674Page - Renesas Technology Corp 32186 Datasheet HTML 675Page - Renesas Technology Corp 32186 Datasheet HTML 676Page - Renesas Technology Corp 32186 Datasheet HTML 677Page - Renesas Technology Corp 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp 32186 Datasheet HTML 681Page - Renesas Technology Corp 32186 Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1032 page
background image
13
CAN MODULE
13-68
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CRX pin
CTX pin
Self-diagnostic mode
ACK signal
generating
circuit
Rx
Tx
M32R/ECU CAN module
13.2.10 CAN Mode Registers
CAN0 Mode Register (CAN0MOD)
<Address: H’0080 1018>
CAN1 Mode Register (CAN1MOD)
<Address: H’0080 1418>
123456
b7
b0
CMOD
00
0
0
0
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–5
No function assigned. Fix to "0."
00
6–7
CMOD
00: Normal mode
R
W
CAN operation mode select bit
01: Bus monitor mode
10: Self-diagnostic mode
11: Settings inhibited
(1) CMOD (CAN Operation Mode Select) bits (Bits 6, 7)
These bits select the CAN operation mode.
• Normal operation mode
Normal transmit/receive operations can be performed.
• Bus monitor mode
Only receive operation is performed. During bus monitor mode, the CTX output is fixed "H" and neither
ACK nor an error frame can be returned.
Note: • During bus monitor mode, issuing transmit requests is inhibited. The ACK bit is handled as
“Don’t care” during bus monitor mode. Therefore, if all bits of data including the CRC
delimiter are received normally, it is assumed that data has been received normally no
matter whether the ACK bit is "H."
• Self-diagnostic mode
CTX and CRX are connected together internally in the CAN module. When combined with loopback
mode, this mode allows communication to be performed within the CAN module alone. During self-
diagnostic mode, the CTX pin output is fixed "H" even when transmitting.
Figure 13.2.24 Conceptual Diagram of Self-Diagnostic Mode
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com