Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 680 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 680 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 676Page - Renesas Technology Corp 32186 Datasheet HTML 677Page - Renesas Technology Corp 32186 Datasheet HTML 678Page - Renesas Technology Corp 32186 Datasheet HTML 679Page - Renesas Technology Corp 32186 Datasheet HTML 680Page - Renesas Technology Corp 32186 Datasheet HTML 681Page - Renesas Technology Corp 32186 Datasheet HTML 682Page - Renesas Technology Corp 32186 Datasheet HTML 683Page - Renesas Technology Corp 32186 Datasheet HTML 684Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 680 / 1032 page
background image
13
CAN MODULE
13-70
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.2.12 CAN Message Slot Number Registers
CAN0 Message Slot Number Register (CAN0MSN)
<Address: H’0080 101A>
CAN1 Message Slot Number Register (CAN1MSN)
<Address: H’0080 141A>
123456
b7
b0
EXMSN
00000
0
0
0
<Upon exiting reset: H’00>
b
Bit Name
Function
R
W
0–2
No function assigned. Fix to "0."
00
3–7
EXMSN
Number of the message slot which has finished sending/receiving
0
–
Extended message slot number bit
00000: Slot 0
11111: Slot 31
These bits indicate the relevant slot number when the CAN module has finished sending or finished storing the
received data.
These bits cannot be cleared to "0" in software.
Note: • When CAN module receives the frame that is transmitted by the CAN module itself during
loopback mode, the EXMSN bits indicate the transmit slot number.
|
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com