Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 716 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 716 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 712Page - Renesas Technology Corp 32186 Datasheet HTML 713Page - Renesas Technology Corp 32186 Datasheet HTML 714Page - Renesas Technology Corp 32186 Datasheet HTML 715Page - Renesas Technology Corp 32186 Datasheet HTML 716Page - Renesas Technology Corp 32186 Datasheet HTML 717Page - Renesas Technology Corp 32186 Datasheet HTML 718Page - Renesas Technology Corp 32186 Datasheet HTML 719Page - Renesas Technology Corp 32186 Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1032 page
background image
13
CAN MODULE
13-106
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
CAN1 Message Slot 16 Data 4 (C1MSL16DT4)
<Address: H’0080 160A>
CAN1 Message Slot 17 Data 4 (C1MSL17DT4)
<Address: H’0080 161A>
CAN1 Message Slot 18 Data 4 (C1MSL18DT4)
<Address: H’0080 162A>
CAN1 Message Slot 19 Data 4 (C1MSL19DT4)
<Address: H’0080 163A>
CAN1 Message Slot 20 Data 4 (C1MSL20DT4)
<Address: H’0080 164A>
CAN1 Message Slot 21 Data 4 (C1MSL21DT4)
<Address: H’0080 165A>
CAN1 Message Slot 22 Data 4 (C1MSL22DT4)
<Address: H’0080 166A>
CAN1 Message Slot 23 Data 4 (C1MSL23DT4)
<Address: H’0080 167A>
CAN1 Message Slot 24 Data 4 (C1MSL24DT4)
<Address: H’0080 168A>
CAN1 Message Slot 25 Data 4 (C1MSL25DT4)
<Address: H’0080 169A>
CAN1 Message Slot 26 Data 4 (C1MSL26DT4)
<Address: H’0080 16AA>
CAN1 Message Slot 27 Data 4 (C1MSL27DT4)
<Address: H’0080 16BA>
CAN1 Message Slot 28 Data 4 (C1MSL28DT4)
<Address: H’0080 16CA>
CAN1 Message Slot 29 Data 4 (C1MSL29DT4)
<Address: H’0080 16DA>
CAN1 Message Slot 30 Data 4 (C1MSL30DT4)
<Address: H’0080 16EA>
CAN1 Message Slot 31 Data 4 (C1MSL31DT4)
<Address: H’0080 16FA>
123456
b7
b0
????????
C0MSL0DT4-C0MSL31DT4, C1MSL0DT4-C1MSL31DT4
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–7
C0MSL0DT4–C0MSL31DT4,
Message slot data 4
R
W
C1MSL0DT4–C1MSL31DT4
These registers are the memory space for transmit and receive frames.
Note: • During a receive slot, an undefined value is written to the register if the data length of the data
frame being stored (DLC value) is equal to or less than 4.
13.2 CAN Module Related Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com