Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 744 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 744 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 740Page - Renesas Technology Corp 32186 Datasheet HTML 741Page - Renesas Technology Corp 32186 Datasheet HTML 742Page - Renesas Technology Corp 32186 Datasheet HTML 743Page - Renesas Technology Corp 32186 Datasheet HTML 744Page - Renesas Technology Corp 32186 Datasheet HTML 745Page - Renesas Technology Corp 32186 Datasheet HTML 746Page - Renesas Technology Corp 32186 Datasheet HTML 747Page - Renesas Technology Corp 32186 Datasheet HTML 748Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 1032 page
background image
13
CAN MODULE
13-134
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.8 Receiving Remote Frames
13.8 Receiving Remote Frames
13.8.1 Remote Frame Receive Procedure
The following describes the procedure for receiving remote frames.
(1) Initializing CAN Message Slot Control Register
Initialize the CAN Message Slot Control Register for the slot to be received by writing H’00 to the register.
(2) Confirming that reception is idle
Read the CAN Message Slot Control Register that has been initialized and check the TRSTAT (Transmit/
Receive Status) bit to see that reception has stopped and remains idle. If this bit = "1," it means that the CAN
module is accessing the message slot. Therefore, wait until the bit is cleared to "0."
(3) Setting the receive ID
Set the desired receive ID in the message slot.
(4) Setting CAN Frame Format Select Register
Set the corresponding bit in the Frame Format Select Register to "0" if a standard frame is to be re-
ceived, or "1" if an extended frame is to be received.
(5) Setting CAN Message Slot Control Register
1) When automatic response (data frame transmission) for remote frame reception is desired
Write H’60 to the CAN Message Slot Control Register to set the RR (Receive Request) bit and RM
(Remote) bit to "1."
2) When automatic response (data frame transmission) for remote frame reception is to be disabled
Write H’70 to the CAN Message Slot Control Register to set the RR (Receive Request) bit, RM
(Remote) bit and RL (Automatic Response Inhibit) bit to "1."
Note: • During BasicCAN mode, slots 30 and 31, although capable of receiving remote frames,
cannot automatically respond to remote frame reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com