Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 744Page - Renesas Technology Corp 32186 Datasheet HTML 745Page - Renesas Technology Corp 32186 Datasheet HTML 746Page - Renesas Technology Corp 32186 Datasheet HTML 747Page - Renesas Technology Corp 32186 Datasheet HTML 748Page - Renesas Technology Corp 32186 Datasheet HTML 749Page - Renesas Technology Corp 32186 Datasheet HTML 750Page - Renesas Technology Corp 32186 Datasheet HTML 751Page - Renesas Technology Corp 32186 Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1032 page
background image
13
CAN MODULE
13-138
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
13.9 Notes on CAN Module
• Note for cancelation of transmit and receive CAN remote frame
When aborting remote frame transmission or canceling remote frame receiving, make sure that the RA (Re-
mote Active) bit is cleared to "0" after writing "H'00" or "H'0F" to the CAN Message Slot Control Register.
(1) When aborting remote frame transmission
13.9 Notes on CAN Module
Figure 13.9.1 Opertion Flow when Aborting Remote Frame Transmission
(2) When canceling remote frame receiving
Figure 13.9.2 Opertion Flow when Canceling Remote Frame Receiving
RA (Remote Active)
bit = "0"
Complete transmission
abort
Note 1: H'00 or H'0F can be used.
No
Yes
Start transmission abort
Write H'00 or H'0F to
CAN message slot
control register
(Note 1)
Read CAN message
slot control register
Complete receiving
abort
No
Yes
Start receiving abort
Write H'00 or H'0F to
CAN message slot
control register
(Note 1)
Read CAN message
slot control register
RA (Remote Active)
bit = "0"
Note 1: H'00 or H'0F can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com